Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBC12439 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NBC12439
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439 Datasheet(HTML) 3 Page - ON Semiconductor

  NBC12439_07 Datasheet HTML 1Page - ON Semiconductor NBC12439_07 Datasheet HTML 2Page - ON Semiconductor NBC12439_07 Datasheet HTML 3Page - ON Semiconductor NBC12439_07 Datasheet HTML 4Page - ON Semiconductor NBC12439_07 Datasheet HTML 5Page - ON Semiconductor NBC12439_07 Datasheet HTML 6Page - ON Semiconductor NBC12439_07 Datasheet HTML 7Page - ON Semiconductor NBC12439_07 Datasheet HTML 8Page - ON Semiconductor NBC12439_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NBC12439, NBC12439A
http://onsemi.com
3
N[1]
N[0]
NC
XTAL_SEL
M[6]
M[5]
M[4]
XTAL1
FREF_EXT
PWR_DOWN
PLL_VCC
S_LOAD
S_DATA
S_CLOCK
Figure 2. 28--Lead PLCC (Top View)
Figure 3. 32--Lead LQFP (Top View)
N/C
N[1]
N[0]
NC
XTAL_SEL
M[6]
M[5]
FREF_EXT
PWR_DOWN
PLL_VCC
PLL_VCC
S_LOAD
S_DATA
S_CLOCK
M[4]
XTAL1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
56
7
8
9
10
11
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
1213
1415
16
24
23
22
21
20
19
18
17
32 31
30
29
28
27
26
25
32
31
30
29
28
27
26
25
910
11
12
13
14
15
16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
N/C
N[1]
N[0]
NC
XTAL_SEL
M[6]
M[5]
FREF_EXT
PWR_DOWN
PLL_VCC
PLL_VCC
S_LOAD
S_DATA
S_CLOCK
M[4]
XTAL1
Figure 4. 32--Lead QFN (Top View)
Exposed Pad (EP)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NBC12429_07 3.3V/5V Programmable PLL Synthesized Clock Generator 1  2  3  4  5  More ON Semiconductor
NBC12430_06 3.3V/5V Programmable PLL Synthesized Clock Generator 1  2  3  4  5  More ON Semiconductor
FS6284 Dual PLL Clock Generator IC 1  2  3  4  List of Unclassifed Manufacturers
SY89312V 3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1  2  3  4  5  More Micrel Semiconductor
FS6370-01 EEPROM Programmable 3-PLL Clock Generator IC 1  2  3  4  5  More List of Unclassifed Manufacturers
FS6128-01 PLL Clock Generator IC with VCXO 1  2  3  4  5  More List of Unclassifed Manufacturers
FS6131-01 Programmable Line Lock Clock Generator IC 1  2  3  4  5  More List of Unclassifed Manufacturers
NB3N3001 3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output 1  2  3  4  5  More ON Semiconductor
AD95160 14-Channel Clock Generator with Integrated 2.8 GHz VCO 1  2  Analog Devices
C5001 Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn