Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBC12439 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NBC12439
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439 Datasheet(HTML) 1 Page - ON Semiconductor

  NBC12439_07 Datasheet HTML 1Page - ON Semiconductor NBC12439_07 Datasheet HTML 2Page - ON Semiconductor NBC12439_07 Datasheet HTML 3Page - ON Semiconductor NBC12439_07 Datasheet HTML 4Page - ON Semiconductor NBC12439_07 Datasheet HTML 5Page - ON Semiconductor NBC12439_07 Datasheet HTML 6Page - ON Semiconductor NBC12439_07 Datasheet HTML 7Page - ON Semiconductor NBC12439_07 Datasheet HTML 8Page - ON Semiconductor NBC12439_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 -- Rev. 10
1
Publication Order Number:
NBC12439/D
NBC12439, NBC12439A
3.3V/5V Programmable PLL
Synthesized Clock
Generator
50 MHz to 800 MHz
Description
The NBC12439 and NBC12439A are general purpose, PLL based
synthesized clock sources. The VCO will operate over a frequency
range of 400 MHz to 800 MHz. The VCO frequency is sent to the
N--output divider, where it can be configured to provide division ratios
of 1, 2, 4 or 8. The VCO and output frequency can be programmed
using the parallel or serial interfaces to the configuration logic. Output
frequency steps of 16 MHz, 8 MHz, 4 MHz, or 2 MHz can be
achieved using a 16 MHz crystal, depending on the output divider
settings. The PLL loop filter is fully integrated and does not require
any external components.
Features
Best--in--Class Output Jitter Performance, ±20 ps Peak--to--Peak
50 MHz to 800 MHz Programmable Differential PECL Outputs
Fully Integrated Phase--Lock--Loop with Internal Loop Filter
Parallel Interface for Programming Counter and Output Dividers
During Powerup
Minimal Frequency Overshoot
Serial 3--Wire Programming Interface
Crystal Oscillator Inputs 10 MHz to 20 MHz
Operating Range: VCC = 3.135 V to 5.25 V
CMOS and TTL Compatible Control Inputs
Pin and Function Compatible with Motorola MC12439 and
MPC9239
Powerdown of PECL Outputs (÷16)
0°Cto 70°C Ambient Operating Temperature (NBC12439)
--40°Cto 85°C Ambient Operating Temperature (NBC12439A)
Pb--Free Packages are Available
MARKING
DIAGRAMS
PLCC--28
FN SUFFIX
CASE 776
NBC12439xG
AWLYYWW
128
LQFP--32
FA SUFFIX
CASE 873A
http://onsemi.com
See detailed ordering and shipping informationin thepackage
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
x
= Blank or A
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Gor G
= Pb--Free Package
NBC12
439x
AWLYYWWG
QFN32
MN SUFFIX
CASE 488AM
32
1
NBC12
439x
AWLYYWWG
G
1
(Note: Microdot may be in either location)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NBC12429_07 3.3V/5V Programmable PLL Synthesized Clock Generator 1  2  3  4  5  More ON Semiconductor
NBC12430_06 3.3V/5V Programmable PLL Synthesized Clock Generator 1  2  3  4  5  More ON Semiconductor
FS6284 Dual PLL Clock Generator IC 1  2  3  4  List of Unclassifed Manufacturers
SY89312V 3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1  2  3  4  5  More Micrel Semiconductor
FS6370-01 EEPROM Programmable 3-PLL Clock Generator IC 1  2  3  4  5  More List of Unclassifed Manufacturers
FS6128-01 PLL Clock Generator IC with VCXO 1  2  3  4  5  More List of Unclassifed Manufacturers
FS6131-01 Programmable Line Lock Clock Generator IC 1  2  3  4  5  More List of Unclassifed Manufacturers
NB3N3001 3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output 1  2  3  4  5  More ON Semiconductor
AD95160 14-Channel Clock Generator with Integrated 2.8 GHz VCO 1  2  Analog Devices
C5001 Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn