Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBC12439 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NBC12439
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439 Datasheet(HTML) 5 Page - ON Semiconductor

  NBC12439_07 Datasheet HTML 1Page - ON Semiconductor NBC12439_07 Datasheet HTML 2Page - ON Semiconductor NBC12439_07 Datasheet HTML 3Page - ON Semiconductor NBC12439_07 Datasheet HTML 4Page - ON Semiconductor NBC12439_07 Datasheet HTML 5Page - ON Semiconductor NBC12439_07 Datasheet HTML 6Page - ON Semiconductor NBC12439_07 Datasheet HTML 7Page - ON Semiconductor NBC12439_07 Datasheet HTML 8Page - ON Semiconductor NBC12439_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NBC12439, NBC12439A
http://onsemi.com
5
Table 4. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kΩ
Internal Input Pullup Resistor
37.5 kΩ
ESD Protection
Human Body Model
Machine Model
Charged Device Model
>2kV
> 150 V
>1kV
Moisture Sensitivity (Note 1)
Pb Pkg
Pb--Free Pkg
PLCC
LQFP
QFN
Level 1
Level 2
Level 1
Level 1
Level 2
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V--0 @ 0.125 in
Transistor Count
2269
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 5. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Supply
GND = 0 V
6
V
VI
Input Voltage
GND = 0 V
VI ± VCC
6
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
NB12439
NB12439A
0to70
--40 to +85
°C
Tstg
Storage Temperature Range
--65 to +150
°C
θJA
Thermal Resistance (Junction--to--Ambient)
0lfpm
500 lfpm
PLCC--28
PLCC--28
63.5
43.5
°C/W
°C/W
θJC
Thermal Resistance (Junction--to--Case)
Standard Board
PLCC--28
22 to 26
°C/W
θJA
Thermal Resistance (Junction--to--Ambient)
0lfpm
500 lfpm
LQFP--32
LQFP--32
80
55
°C/W
°C/W
θJC
Thermal Resistance (Junction--to--Case)
Standard Board
LQFP--32
12 to 17
°C/W
θJA
Thermal Resistance (Junction--to--Ambient)
0lfpm
500 lfpm
QFN--32
QFN--32
31
27
°C/W
°C/W
θJC
Thermal Resistance (Junction--to--Case)
2S2P
QFN--32
12
°C/W
Tsol
Wave Solder
Pb
Pb--Free
<3 sec @ 248°C
<3 sec @ 260°C
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NBC12429_07 3.3V/5V Programmable PLL Synthesized Clock Generator 1  2  3  4  5  More ON Semiconductor
NBC12430_06 3.3V/5V Programmable PLL Synthesized Clock Generator 1  2  3  4  5  More ON Semiconductor
FS6284 Dual PLL Clock Generator IC 1  2  3  4  List of Unclassifed Manufacturers
SY89312V 3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1  2  3  4  5  More Micrel Semiconductor
FS6370-01 EEPROM Programmable 3-PLL Clock Generator IC 1  2  3  4  5  More List of Unclassifed Manufacturers
FS6128-01 PLL Clock Generator IC with VCXO 1  2  3  4  5  More List of Unclassifed Manufacturers
FS6131-01 Programmable Line Lock Clock Generator IC 1  2  3  4  5  More List of Unclassifed Manufacturers
NB3N3001 3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output 1  2  3  4  5  More ON Semiconductor
AD95160 14-Channel Clock Generator with Integrated 2.8 GHz VCO 1  2  Analog Devices
C5001 Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn