Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS20 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. BAS20
Description  Small Signal Diode
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAS20 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BAS20 Datasheet HTML 1Page - Fairchild Semiconductor BAS20 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS20, Rev. B
Small Signal Diode
Absolute Maximum Ratings* T
A = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
200
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse width = 1.0 second
Pulse width = 1.0 microsecond
1.0
2.0
A
A
T
stg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
150
°C
SOT-23
3
1
2
2002 Fairchild Semiconductor Corporation
Symbol
Parameter
Test Conditions
Min
Max
Units
V
R
Breakdown Voltage
I
R = 100 µA
200
V
V
F
Forward Voltage
I
F = 100 mA
I
F = 200 mA
1.0
1.25
V
V
I
R
Reverse Current
V
R = 150 V
V
R = 150 V, TA = 150°C
100
100
nA
µA
C
T
Total Capacitance
V
R = 0, f = 1.0 MHz
5
pF
t
rr
Reverse Recovery Time
I
F = IR = 30 mA, IRR = 3.0 mA,
R
L = 100Ω
6.0
ns
Electrical Characteristics T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
350
mW
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
BAS20
1
2
3
A81.
Connection Diagram
3
1
2NC


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BAS19Small Signal Diode 1 2 Fairchild Semiconductor
FDLL914_07Small Signal Diode 1 2 3 4 Fairchild Semiconductor
FDLL914Small Signal Diode 1 2 3 4 Fairchild Semiconductor
BS107_04Small Signal MOSFET 250 mAmps 200 Volts 1 2 3 4 5 MoreON Semiconductor
BS108Small Signal MOSFET 250 mAmps 200 Volts Logic Level 1 2 3 ON Semiconductor
BS170_05Small Signal MOSFET 500 mA 60 Volts N−Channel TO−92 TO−226 1 2 3 4 ON Semiconductor
BAR42FILMSMALL SIGNAL SCHOTTKY DIODES 1 2 3 4 5 STMicroelectronics
BCY34ASMALL SIGNAL PNP TRANSISTORS 1 2 Seme LAB
MMST6428NPN small signal transistor 1 2 Rohm
S8050LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR 1 2 Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn