Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB2309AC1HDTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB2309AC1HDTR2G
Description  3.3 V Zero Delay Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2309AC1HDTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NB2309AC1HDTR2G Datasheet HTML 1Page - ON Semiconductor NB2309AC1HDTR2G Datasheet HTML 2Page - ON Semiconductor NB2309AC1HDTR2G Datasheet HTML 3Page - ON Semiconductor NB2309AC1HDTR2G Datasheet HTML 4Page - ON Semiconductor NB2309AC1HDTR2G Datasheet HTML 5Page - ON Semiconductor NB2309AC1HDTR2G Datasheet HTML 6Page - ON Semiconductor NB2309AC1HDTR2G Datasheet HTML 7Page - ON Semiconductor NB2309AC1HDTR2G Datasheet HTML 8Page - ON Semiconductor NB2309AC1HDTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 4
1
Publication Order Number:
NB2309A/D
NB2309A
3.3 V Zero Delay
Clock Buffer
The NB2309A is a versatile, 3.3 V zero delay buffer designed to
distribute high−speed clocks. It accepts one reference input and drives
out nine low−skew clocks. It is available in a 16 pin package.
The −1H version of the NB2309A operates at up to 133 MHz, and
has higher drive than the −1 devices. All parts have on−chip PLL’s that
lock to an input clock on the REF pin. The PLL feedback is on−chip
and is obtained from the CLKOUT pad.
The NB2309A has two banks of four outputs each, which can be
controlled by the Select inputs as shown in the Select Input Decoding
Table. If all the output clocks are not required, Bank B can be
three−stated. The select inputs also allow the input clock to be directly
applied to the outputs for chip and system testing purposes.
Multiple NB2309A devices can accept the same input clock and
distribute it. In this case the skew between the outputs of the two
devices is guaranteed to be less than 700 ps.
All outputs have less than 200 ps of cycle−to−cycle jitter. The input
and output propagation delay is guaranteed to be less than 350 ps, and
the output to output skew is guaranteed to be less than 250 ps.
The NB2309A is available in two different configurations, as shown
in the ordering information table. The NB2309A1 is the base part. The
NB2309Ax1H* is the high drive version of the −1 and its rise and fall
times are much faster than −1 part.
Features
15 MHz to 133 MHz Operating Range, Compatible with CPU and
PCI Bus Frequencies
Zero Input − Output Propagation Delay
Multiple Low−Skew Outputs
Output−Output Skew Less than 250 ps
Device−Device Skew Less than 700 ps
One Input Drives 9 Outputs, Grouped as 4 + 4 + 1
Less than 200 ps Cycle−to−Cycle Jitter is Compatible with PentiumR
Based Systems
Test Mode to Bypass PLL
Available in 16 Pin, 150 mil SOIC and 4.4 mm TSSOP
3.3 V Operation, Advanced 0.35 m CMOS Technology
These are Pb−Free Devices**
*x = C for Commercial; I for Industrial.
**For additional information on our Pb−Free strategy and soldering details,
please download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAMS*
XXXX
= Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
W, WW = Work Week
G or G = Pb−Free Package
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
TSSOP−16
DT SUFFIX
CASE 948F
SOIC−16
D SUFFIX
CASE 751B
1
16
1
16
1
16
1
16
XXXX
XXXX
ALYWG
G
XXXXXXXXG
AWLYWW


Similar Part No. - NB2309AC1HDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2309A ONSEMI-NB2309A Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309AI1DG ONSEMI-NB2309AI1DG Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309AI1DR2G ONSEMI-NB2309AI1DR2G Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309AI1DTG ONSEMI-NB2309AI1DTG Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309AI1DTR2G ONSEMI-NB2309AI1DTR2G Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
More results

Similar Description - NB2309AC1HDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com