Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12430 Datasheet(PDF) 20 Page - ON Semiconductor

Part # NBC12430
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12430 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NBC12430_06 Datasheet HTML 12Page - ON Semiconductor NBC12430_06 Datasheet HTML 13Page - ON Semiconductor NBC12430_06 Datasheet HTML 14Page - ON Semiconductor NBC12430_06 Datasheet HTML 15Page - ON Semiconductor NBC12430_06 Datasheet HTML 16Page - ON Semiconductor NBC12430_06 Datasheet HTML 17Page - ON Semiconductor NBC12430_06 Datasheet HTML 18Page - ON Semiconductor NBC12430_06 Datasheet HTML 19Page - ON Semiconductor NBC12430_06 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
NBC12430, NBC12430A
http://onsemi.com
20
PACKAGE DIMENSIONS
QFN32 5*5*1 0.5 P
CASE 488AM−01
ISSUE O
SEATING
32 X
K
0.15 C
(A3)
A
A1
D2
b
1
9
16
17
32
2 X
2 X
E2
32 X
8
24
32 X
L
32 X
BOTTOM VIEW
EXPOSED PAD
TOP VIEW
SIDE VIEW
D
A
B
E
0.15 C
PIN ONE
LOCATION
0.10 C
0.08 C
C
25
e
A
0.10
B
C
0.05 C
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM TERMINAL
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
PLANE
DIM MIN
NOM
MAX
MILLIMETERS
A
0.800 0.900 1.000
A1
0.000 0.025 0.050
A3
0.200 REF
b
0.180 0.250 0.300
D
5.00 BSC
D2
2.950 3.100 3.250
E
5.00 BSC
E2
e
0.500 BSC
K
0.200
−−−
−−−
L
0.300 0.400 0.500
2.950 3.100 3.250
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DIMENSIONS: MILLIMETERS
0.50 PITCH
3.20
0.28
3.20
32 X
28 X
0.63
32 X
5.30
5.30
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NBC12430/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NBC12430_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430A ONSEMI-NBC12430A Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430AFA ONSEMI-NBC12430AFA Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430AFA ONSEMI-NBC12430AFA Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12430AFAG ONSEMI-NBC12430AFAG Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12430AFAR2 ONSEMI-NBC12430AFAR2 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
More results

Similar Description - NBC12430_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com