Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB2309AC1DTR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB2309AC1DTR2G
Description  3.3 V Zero Delay Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2309AC1DTR2G Datasheet(HTML) 8 Page - ON Semiconductor

  NB2309AC1DTR2G Datasheet HTML 1Page - ON Semiconductor NB2309AC1DTR2G Datasheet HTML 2Page - ON Semiconductor NB2309AC1DTR2G Datasheet HTML 3Page - ON Semiconductor NB2309AC1DTR2G Datasheet HTML 4Page - ON Semiconductor NB2309AC1DTR2G Datasheet HTML 5Page - ON Semiconductor NB2309AC1DTR2G Datasheet HTML 6Page - ON Semiconductor NB2309AC1DTR2G Datasheet HTML 7Page - ON Semiconductor NB2309AC1DTR2G Datasheet HTML 8Page - ON Semiconductor NB2309AC1DTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NB2309A
http://onsemi.com
8
PACKAGE DIMENSIONS
TSSOP−16
CASE 948F−01
ISSUE A
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
−−−
1.20
−−−
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.18
0.28
0.007
0.011
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.
___
_
SECTION N−N
SEATING
PLANE
IDENT.
PIN 1
1
8
16
9
DETAIL E
J
J1
B
C
D
A
K
K1
H
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
16X
REF
K
N
N


Similar Part No. - NB2309AC1DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2309A ONSEMI-NB2309A Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309AI1DG ONSEMI-NB2309AI1DG Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309AI1DR2G ONSEMI-NB2309AI1DR2G Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309AI1DTG ONSEMI-NB2309AI1DTG Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309AI1DTR2G ONSEMI-NB2309AI1DTR2G Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
More results

Similar Description - NB2309AC1DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com