Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC109 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 74AC109
Description  Dual JK Positive Edge-Triggered Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC109 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 74AC109_07 Datasheet HTML 4Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 5Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 6Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 7Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 8Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 9Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 10Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 11Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC109, 74ACT109 Rev. 1.5
10
Physical Dimensions (Continued)
Dimensions are in millimeters unless otherwise noted.
Figure 3. 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
0.65
4.4±0.1
MTC16rev4
0.11
4.55
5.00
5.00±0.10
12°
7.35
4.45
1.45
5.90


Similar Part No. - 74AC109_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC109MTC FAIRCHILD-74AC109MTC Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109PC FAIRCHILD-74AC109PC Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109SC FAIRCHILD-74AC109SC Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109SJ FAIRCHILD-74AC109SJ Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74AC109_07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com