Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC109 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74AC109
Description  Dual JK Positive Edge-Triggered Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC109 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC109_07 Datasheet HTML 1Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 2Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 3Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 4Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 5Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 6Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 7Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 8Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC109, 74ACT109 Rev. 1.5
5
DC Electrical Characteristics for ACT
Notes:
4. All outputs loaded; thresholds on input associated with output under test.
5. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC
(V)
Conditions
TA = +25°C TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH
Level Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW
Level Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH
Level Output
Voltage
4.5
IOUT = –50µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
VIN = VIL or VIH:
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(4)
4.86
4.76
VOL
Maximum LOW
Level Output
Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
4.5
IOL = 24mA
0.36
0.44
5.5
IOL = 24mA
(4)
0.36
0.44
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
± 1.0
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC – 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
Output Current(5)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
VOHD = 3.85V Min.
–75
mA
ICC
Maximum
Quiescent Supply
Current
5.5
VIN = VCC or GND
2.0
20.0
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn