Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBC12429 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NBC12429
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NBC12429 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NBC12429, NBC12429A
http://onsemi.com
6
Table 6. DC CHARACTERISTICS (VCC =3.3 V ± 5%; TA =0°Cto70°C (NBC12429), TA =--40°Cto85°C (NBC12429A))
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VIH
LVCMOS/
LVTTL
Input HIGH Voltage
VCC =3.3 V
2.0
V
VIL
LVCMOS/
LVTTL
Input LOW Voltage
VCC =3.3 V
0.8
V
IIN
Input Current
1.0
mA
VOH
Output HIGH Voltage
TEST
IOH =--0.8 mA
2.5
V
VOL
Output LOW Voltage
TEST
IOL =0.8 mA
0.4
V
VOH
PECL
Output HIGH Voltage
FOUT
FOUT
VCC =3.3 V
(Notes 2, 3)
2.155
2.405
V
VOL
PECL
Output LOW Voltage
FOUT
FOUT
VCC =3.3 V
(Notes 2, 3)
1.355
1.605
V
ICC
Power Supply Current
VCC
PLL_VCC
48
18
58
22
70
26
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. FOUT/FOUT output levels will vary 1:1 with VCC variation.
3. FOUT/FOUT outputs are terminated through a 50 Ω resistor to VCC -- 2.0 V.
Table 7. DC CHARACTERISTICS (VCC =5.0 V ± 5%; TA =0°Cto70°C (NBC12429), TA =--40°Cto85°C (NBC12429A))
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VIH
CMOS/
TTL
Input HIGH Voltage
VCC =5.0 V
2.0
V
VIL
CMOS/
TTL
Input LOW Voltage
VCC =5.0 V
0.8
V
IIN
Input Current
1.0
mA
VOH
Output HIGH Voltage
TEST
IOH =--0.8 mA
2.5
V
VOL
Output LOW Voltage
TEST
IOL =0.8 mA
0.4
V
VOH
PECL
Output HIGH Voltage
FOUT
FOUT
VCC =5.0 V
(Notes 4, 5)
3.855
4.105
V
VOL
PECL
Output LOW Voltage
FOUT
FOUT
VCC =5.0 V
(Notes 4, 5)
3.055
3.305
V
ICC
Power Supply Current
VCC
PLL_VCC
50
19
60
23
75
27
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. FOUT/FOUT output levels will vary 1:1 with VCC variation.
5. FOUT/FOUT outputs are terminated through a 50 Ω resistor to VCC -- 2.0 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY89312V3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1 2 3 4 5 MoreMicrel Semiconductor
FS6370-01EEPROM Programmable 3-PLL Clock Generator IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FS6128-01PLL Clock Generator IC with VCXO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FS6131-01Programmable Line Lock Clock Generator IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FS6284Dual PLL Clock Generator IC 1 2 3 4 List of Unclassifed Manufacturers
NB3N30113.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output 1 2 3 4 5 MoreON Semiconductor
FS6261-01Motherboard Clock Generator IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CY2081Three-PLL General-Purpose EPROM-Programmable Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
BU2381FVMultimedia ICs Clock generator for digital still camera 1 2 3 4 5 Rohm
MB88162Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn