Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N25M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 4N25M
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

4N25M Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11AXM Rev. 1.0.0
3
Electrical Characteristics (Continued) (TA = 25°C unless otherwise specified)
Transfer Characteristics
* Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.* Max.
Unit
DC CHARACTERISTICS
CTR
Current Transfer Ratio,
Collector to Emitter
IF = 10mA, VCE = 10V
4N35M, 4N36M,
4N37M
100
%
H11A1M
50
H11A5M
30
4N25M, 4N26M
H11A2M, H11A3M
20
4N27M, 4N28M
H11A4M
10
IF = 10mA, VCE = 10V,
TA = -55°C
4N35M, 4N36M,
4N37M
40
IF = 10mA, VCE = 10V,
TA = +100°C
4N35M, 4N36M,
4N37M
40
VCE (SAT) Collector-Emitter
Saturation Voltage
IC = 2mA, IF = 50mA
4N25M, 4N26M,
4N27M, 4N28M,
0.5
V
IC = 0.5mA, IF = 10mA
4N35M, 4N36M,
4N37M
0.3
H11A1M, H11A2M,
H11A3M, H11A4M,
H11A5M
0.4
AC CHARACTERISTICS
TON
Non-Saturated
Turn-on Time
IF = 10mA, VCC = 10V,
RL = 100Ω (Fig. 11)
4N25M, 4N26M,
4N27M, 4N28M,
H11A1M, H11A2M,
H11A3M, H11A4,
H11A5M
2µs
IC = 2mA, VCC = 10V,
RL = 100Ω (Fig. 11)
4N35M, 4N36M,
4N37M
210
µs
TOFF
Turn-off Time
IF = 10mA, VCC = 10V,
RL = 100Ω (Fig. 11)
4N25M, 4N26M,
4N27M, 4N28M,
H11A1M, H11A2M,
H11A3M, H11A4M,
H11A5M
2µs
IC = 2mA, VCC = 10V,
RL = 100Ω (Fig. 11)
4N35M, 4N36M,
4N37M
210


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn