Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP91MNR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB100LVEP91MNR2
Description  2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP91MNR2 Datasheet(HTML) 5 Page - ON Semiconductor

  NB100LVEP91MNR2 Datasheet HTML 1Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 2Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 3Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 4Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 5Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 6Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 7Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 8Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NB100LVEP91
http://onsemi.com
5
Table 5. DC CHARACTERISTICS POSITIVE INPUT VCC = 3.3 V; VEE = −2.375 V to −3.8 V; GND = 0 V (Note 5)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
Positive Power Supply Current
10
16
24
10
16
24
10
16
24
mA
VIH
Input HIGH Voltage (Single−Ended)
2135
VCC
2135
VCC
2135
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
GND
1675
GND
1675
GND
1675
mV
VBB
PECL Output Voltage Reference
1775
1875 1975
1775
1875 1975
1775
1875 1975
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 6)
0
3.3
0
3.3
0
3.3
V
IIH
Input HIGH Current (@ VIH)
150
150
150
mA
IIL
Input LOW Current (@ VIL)D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input parameters vary 1:1 with VCC. VCC can vary +0.5 / −0.925 V.
6. VIHCMR min varies 1:1 with GND. VIHCMR max varies 1:1 with VCC.
Table 6. DC CHARACTERISTICS NECL OUTPUT VCC = 2.375 V to 3.8 V; VEE = −2.375 V to −3.8 V; GND = 0 V (Note 7)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
40
50
60
38
50
68
38
50
68
mA
VOH
Output HIGH Voltage (Note 8)
−1145
−1020
−895
−1145
−1020
−895
−1145
−1020
−895
mV
VOL
Output LOW Voltage (Note 8)
−1945
−1770
−1600
−1945
−1770
−1600
−1945
−1770
−1600
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. Output parameters vary 1:1 with GND.
8. All loading with 50 W resistor to GND − 2.0 V.


Similar Part No. - NB100LVEP91MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91MNR2 ONSEMI-NB100LVEP91MNR2 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
More results

Similar Description - NB100LVEP91MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL91 ONSEMI-MC100LVEL91_06 Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com