Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP56MNR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB100LVEP56MNR2G
Description  2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP56MNR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NB100LVEP56MNR2G Datasheet HTML 1Page - ON Semiconductor NB100LVEP56MNR2G Datasheet HTML 2Page - ON Semiconductor NB100LVEP56MNR2G Datasheet HTML 3Page - ON Semiconductor NB100LVEP56MNR2G Datasheet HTML 4Page - ON Semiconductor NB100LVEP56MNR2G Datasheet HTML 5Page - ON Semiconductor NB100LVEP56MNR2G Datasheet HTML 6Page - ON Semiconductor NB100LVEP56MNR2G Datasheet HTML 7Page - ON Semiconductor NB100LVEP56MNR2G Datasheet HTML 8Page - ON Semiconductor NB100LVEP56MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NB100LVEP56
http://onsemi.com
4
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Mode Power Supply
VEE = 0 V
6
V
VEE
Negative Mode Power Supply
VCC = 0 V
−6
V
VI
Positive Mode Input Voltage
Negative Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
"0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
JEDEC 51−3 (1S − Single Layer Test Board)
0 lfpm
500 lfpm
TSSOP−20
TSSOP−20
140
50
°C/W
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
JEDEC 51−6 (2S2P−Multi Layer Test Board)
with Filled Thermal Vias
0 lfpm
500 lfpm
QFN−24
QFN−24
37
32
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−20
QFN−24
23 to 41
11
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 5. DC CHARACTERISTICS, PECL VCC = 2.5 V, VEE = 0 V (Note 2)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
35
45
55
35
45
55
35
48
58
mA
VOH
Output HIGH Voltage (Note 3)
1355 1480 1605
1355
1480
1605
1355
1480
1605
mV
VOL
Output LOW Voltage (Note 3)
555
775
900
555
775
900
555
775
900
mV
VIH
Input HIGH Voltage (SEL0, SEL1, COM_SEL)
Input HIGH Voltage (D Inputs) (Note 4)
1335
1335
VCC
1620
1335
1335
VCC
1620
1275
1275
VCC
1620
mV
VIL
Input LOW Voltage (SEL0, SEL1, COM_SEL)
Input LOW Voltage (D Inputs) (Note 4)
VEE
555
875
875
VEE
555
875
875
VEE
555
875
875
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 5)
1.2
2.5
1.2
2.5
1.2
2.5
V
IIH
Input HIGH Current (@VIH)
150
150
150
mA
IIL
Input LOW Current (@VIL)D
D
SEL
0.5
−150
−150
0.5
−150
−150
0.5
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC. VEE can vary −0.125 V to +1.3 V.
3. All loading with 50 W to VCC − 2.0 V.
4. Do not use VBB at VCC < 3.0 V.
5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - NB100LVEP56MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56MNR2G ONSEMI-NB100LVEP56MNR2G Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
NB100LVEP56MNR2G ONSEMI-NB100LVEP56MNR2G Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
More results

Similar Description - NB100LVEP56MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56_16 Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com