Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP224FA Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB100LVEP224FA
Description  2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP224FA Datasheet(HTML) 2 Page - ON Semiconductor

  NB100LVEP224FA Datasheet HTML 1Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 2Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 3Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 4Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 5Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 6Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 7Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 8Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NB100LVEP224
http://onsemi.com
2
49
50
51
52
53
54
55
56
31
30
29
28
27
26
25
12345678
48
47
46
45
44
43
42
41
32
All VCC, VCCO, and VEE pins must be externally connected to appropriate Power Supply to guarantee proper operation. The thermally
conductive exposed pad on package bottom (see package case drawing) must be attached to a heat−sinking conduit, capable of transfer-
ring 1.2 Watts. This exposed pad is electrically connected to VEE internally.
OE (1)
L
L
H
H
Table 1. PIN DESCRIPTION
FUNCTION
ECL Differential Input Clock
ECL Differential Input Clock
ECL Input CLK Select
ECL Output Enable
ECL Differential Outputs
Positive Supply
Negative Supply
PIN
CLK0*, CLK0**
CLK1*, CLK1**
CLK_SEL*
OE*
Q0−Q23, Q0−Q23
VCC, VCCO
VEE***
Figure 1. 64−Lead LQFP Pinout (Top View)
Q7
VCCO
Q7
Q6
Q6
Q5
Q1
VCCO
VCCO
Q15
Q15
Q16
Q16
Q17
Q17
VCCO
CLK_SEL
L
H
L
H
Q0−Q23
Q0−Q23
CLK0
CLK1
L
L
CLK0
CLK1
H
H
1. The OE (Output Enable) signal is synchronized with the
falling edge of the LVPECL_CLK signal.
NB100LVEP224
* Pins will default LOW when left open.
** Pins will default HIGH when left open.
***The thermally conductive exposed pad on the bottom of the
package is electrically connected to VEE internally.
9
10
11
1213141516
Q18
Q18
Q19
Q19
Q20
Q20
Q21
Q21
23
22
21
20
19
18
17
24
40
39
38
37
36
35
34
33
57
58
59
60
61
62
63
64
Q5
Q4
Q4
Q3
Q3
Q2
Q2
Q1
Table 2. FUNCTION TABLE


Similar Part No. - NB100LVEP224FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP224FA ONSEMI-NB100LVEP224FA Datasheet
96Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
June, 2003 - Rev. 4
NB100LVEP224FAR2 ONSEMI-NB100LVEP224FAR2 Datasheet
96Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
June, 2003 - Rev. 4
More results

Similar Description - NB100LVEP224FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP224 ONSEMI-NB100LVEP224 Datasheet
96Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
June, 2003 - Rev. 4
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
ON Semiconductor
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com