Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP222FAR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB100LVEP222FAR2
Description  2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP222FAR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NB100LVEP222FAR2 Datasheet HTML 1Page - ON Semiconductor NB100LVEP222FAR2 Datasheet HTML 2Page - ON Semiconductor NB100LVEP222FAR2 Datasheet HTML 3Page - ON Semiconductor NB100LVEP222FAR2 Datasheet HTML 4Page - ON Semiconductor NB100LVEP222FAR2 Datasheet HTML 5Page - ON Semiconductor NB100LVEP222FAR2 Datasheet HTML 6Page - ON Semiconductor NB100LVEP222FAR2 Datasheet HTML 7Page - ON Semiconductor NB100LVEP222FAR2 Datasheet HTML 8Page - ON Semiconductor NB100LVEP222FAR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NB100LVEP222
http://onsemi.com
4
ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
37.5 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 200 V
> 2 kV
Moisture Sensitivity (Note 1)
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125
Transistor Count
821 Devices
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, refer to Application Note AND8003/D.
MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC/VCC0
PECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC/VCC0 = 0 V
−6
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC/VCC0 = 0 V
VI ≤ VCC/VCC0
VI ≥ VEE
6 to 0
−6 to 0
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
±0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(See Application Information)
0 LFPM
500 LFPM
52 LQFP
52 LQFP
35.6
30
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
(See Application Information)
0 LFPM
500 LFPM
52 LQFP
52 LQFP
3.2
6.4
°C/W
°C/W
Tsol
Wave Solder
< 2 to 3 sec @ 248
°C
265
°C
2. Maximum Ratings are those values beyond which device damage may occur.
LVPECL DC CHARACTERISTICS VCC = VCC0 = 2.5 V; VEE = 0 V (Note 3)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
100
125
150
104
130
156
112
140
168
mA
VOH
Output HIGH Voltage (Note 4)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VOL
Output LOW Voltage (Note 4)
555
680
900
555
680
900
555
680
900
mV
VIH
Input HIGH Voltage (Single−Ended)
(Note 5)
1335
1620
1335
1620
1275
1620
mV
VIL
Input LOW Voltage (Single−Ended)
(Note 5)
555
900
555
900
555
900
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 6) (Figure 5)
1.2
2.5
1.2
2.5
1.2
2.5
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
CLK
CLK
0.5
−150
0.5
−150
0.5
−150
mA
NOTE:
100LVEP circuits are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
3. Input and output parameters vary 1:1 with VCC/VCC0. VEE can vary + 0.125 V to −1.3 V.
4. All loading with 50
W to VCC/VCC0 − 2.0 V.
5. Do not use VBB Pin #10 at VCC/VCC0 < 3.0 V (see AND8066).
6. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC/VCC0. The VIHCMR range is referenced to the most positive side of the
differential input signal.


Similar Part No. - NB100LVEP222FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP222FARG ONSEMI-NB100LVEP222FARG Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
More results

Similar Description - NB100LVEP222FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222_05 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
logo
Freescale Semiconductor...
MC100ES6056 FREESCALE-MC100ES6056 Datasheet
254Kb / 8P
   2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
logo
Renesas Technology Corp
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
   3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com