Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP224 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB100LVEP224
Description  2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP224 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB100LVEP224_06 Datasheet HTML 2Page - ON Semiconductor NB100LVEP224_06 Datasheet HTML 3Page - ON Semiconductor NB100LVEP224_06 Datasheet HTML 4Page - ON Semiconductor NB100LVEP224_06 Datasheet HTML 5Page - ON Semiconductor NB100LVEP224_06 Datasheet HTML 6Page - ON Semiconductor NB100LVEP224_06 Datasheet HTML 7Page - ON Semiconductor NB100LVEP224_06 Datasheet HTML 8Page - ON Semiconductor NB100LVEP224_06 Datasheet HTML 9Page - ON Semiconductor NB100LVEP224_06 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NB100LVEP224
http://onsemi.com
9
PACKAGE DIMENSIONS
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MM.
3. DATUM PLANE E" IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING PLANE.
4. DATUM X", Y" AND Z" TO BE DETERMINED AT
DATUM PLANE DATUM E".
5. DIMENSIONS M AND L TO BE DETERMINED AT
SEATING PLANE DATUM T".
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
(0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLAND E".
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM D DIMENSION
BY MORE THAN 0.08 (0.003). DAMBAR CANNOT
BE LOCATED ON THE LOWER RADIUS OR THE
FOOT. MINIMUM SPACE BETWEEN PROTRUSION
AND ADJACENT LEAD OR PROTRUSION 0.07
(0.003).
8. EXACT SHAPE OF EACH CORNER IS OPTIONAL.
DIM
A
MIN
MAX
MIN
MAX
INCHES
10.00 BSC
0.394 BSC
MILLIMETERS
B
10.00 BSC
0.394 BSC
C
1.35
1.45
0.053
0.057
D
0.17
0.27
0.007
0.011
F
0.45
0.75
0.018
0.030
G
0.50 BSC
0.020 BSC
H
1.00 REF
0.039 BSC
J
0.09
0.20
0.004
0.008
K
0.05
0.15
0.002
0.006
L
12.00 BSC
0.472 BSC
M
12.00 BSC
0.472 BSC
N
0.20
0.008
P
0
7
0
7
R
0
−−−
0
−−−
S
−−−
1.60
−−−
0.063
V
W
AA
0.17
0.23
0.007
0.009
AB
0.09
0.16
0.004
0.006
AC
0.08
−−−
0.003
−−−
AD
0.08
−−−
0.003
−−−
AE
4.50
4.78
0.180
0.188
0.05 (0.002) S
1
B
B/2
16
17
32
33
48
49
64
−X−
L
L/2
−Z−
M
M/2
A
A/2
AJ
AJ
Z
0.20 (0.008) T X−Y
4 PL
Z
0.20 (0.008) E X−Y
−T−
SEATING
PLANE
G/2
G
4 PL
AG
AG
D 64 PL
Z
0.08 (0.003) M T X−Y
−E−
0.08 (0.003) T
EXPOSED PAD
VIEW AG−AG
DETAIL AH
DETAIL AH
___
_
__
AA
D
AB
J
DETAIL AJ−AJ
REF
BASE
METAL
PLATING
Z
0.08 (0.003) M Y T−U
S C
K
V
R
W
N
F
H
P
AC
0.25
GAGE
PLANE
60 PL
1
16
17
32
33
48
49
64
AD
−−−
−−−
11
13
11
13
___
_
11
13
11
13
___
_
AF
4.50
4.78
0.180
0.188
AE
AF
LQFP 64 LEAD EXPOSED PAD
848G−02
ISSUE A


Similar Part No. - NB100LVEP224_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP224FA ONSEMI-NB100LVEP224FA Datasheet
96Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
June, 2003 - Rev. 4
NB100LVEP224FAR2 ONSEMI-NB100LVEP224FAR2 Datasheet
96Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
June, 2003 - Rev. 4
More results

Similar Description - NB100LVEP224_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP224 ONSEMI-NB100LVEP224 Datasheet
96Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
June, 2003 - Rev. 4
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
ON Semiconductor
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com