Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP56DTR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB100LVEP56DTR2
Description  2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP56DTR2 Datasheet(HTML) 5 Page - ON Semiconductor

  NB100LVEP56DTR2 Datasheet HTML 1Page - ON Semiconductor NB100LVEP56DTR2 Datasheet HTML 2Page - ON Semiconductor NB100LVEP56DTR2 Datasheet HTML 3Page - ON Semiconductor NB100LVEP56DTR2 Datasheet HTML 4Page - ON Semiconductor NB100LVEP56DTR2 Datasheet HTML 5Page - ON Semiconductor NB100LVEP56DTR2 Datasheet HTML 6Page - ON Semiconductor NB100LVEP56DTR2 Datasheet HTML 7Page - ON Semiconductor NB100LVEP56DTR2 Datasheet HTML 8Page - ON Semiconductor NB100LVEP56DTR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NB100LVEP56
http://onsemi.com
5
Table 6. DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 6)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
35
45
55
35
45
55
35
48
58
mA
VOH
Output HIGH Voltage (Note 7)
2155 2280 2405 2155 2280 2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 7)
1355 1575 1700 1355 1575 1700
1355
1575
1700
mV
VIH
Input HIGH Voltage (SEL0, SEL1, COM_SEL)
Input HIGH Voltage (D Inputs)
2135
2135
VCC
2420
2135
2135
VCC
2420
2135
2135
VCC
2420
mV
VIL
Input LOW Voltage (SEL0, SEL1, COM_SEL)
Input LOW Voltage (D Inputs)
VEE
1355
1675
1675
VEE
1355
1675
1675
VEE
1355
1675
1675
mV
VBB
Output Reference Voltage (Note 8)
1775 1875 1975 1775 1875 1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 9)
1.2
3.3
1.2
3.3
1.2
3.3
V
IIH
Input HIGH Current (@VIH)
150
150
150
mA
IIL
Input LOW Current (@VIL)D
D
SEL
0.5
−150
−150
0.5
−150
−150
0.5
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
6. Input and output parameters vary 1:1 with VCC. VEE can vary +0.5 V to −0.3 V.
7. All loading with 50 W to VCC − 2.0 V.
8. Single−Ended input operation is limited to VCC w 3.0 V in PECL mode.
9. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 7. DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −3.8 V to −2.375 V (Note 10)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
35
45
55
35
45
55
35
48
58
mA
VOH
Output HIGH Voltage (Note 11)
−1145 −1020
−895
−1145 −1020
−895
−1145 −1020
−895
mV
VOL
Output LOW Voltage (Note 11)
−1945 −1725 −1600 −1945 −1725 −1600 −1945 −1725 −1600
mV
VIH
Input HIGH Voltage
(SEL0, SEL1, COM_SEL)
Input HIGH Voltage (D Inputs)
−1165
−1165
VCC
−880
−1165
−1165
VCC
−880
−1165
−1165
VCC
−880
mV
VIL
Input LOW Voltage
(SEL0, SEL1, COM_SEL)
Input LOW Voltage (D Inputs)
VEE
−1945
−1600
−1600
VEE
−1945
−1600
−1600
VEE
−1945
−1600
−1600
mV
VBB
Output Reference Voltage (Note 12)
−1525 −1425 −1325 −1525 −1425 −1325 −1525 −1425 −1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 13)
VEE+1.2
0.0
VEE+1.2
0.0
VEE+1.2
0.0
V
IIH
Input HIGH Current (@VIH)
150
150
150
mA
IIL
Input LOW Current (@VIL)D
D
SEL
0.5
−150
−150
0.5
−150
−150
0.5
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10.Input and output parameters vary 1:1 with VCC.
11. All loading with 50 W to VCC − 2.0 V.
12.Single−Ended input operation is limited to VEE from −3.0 V to −5.5 V in NECL mode.
13.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - NB100LVEP56DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56DTR2 ONSEMI-NB100LVEP56DTR2 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
NB100LVEP56DTR2G ONSEMI-NB100LVEP56DTR2G Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
More results

Similar Description - NB100LVEP56DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56_16 Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com