Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP56DT Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB100LVEP56DT
Description  2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP56DT Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB100LVEP56DT Datasheet HTML 2Page - ON Semiconductor NB100LVEP56DT Datasheet HTML 3Page - ON Semiconductor NB100LVEP56DT Datasheet HTML 4Page - ON Semiconductor NB100LVEP56DT Datasheet HTML 5Page - ON Semiconductor NB100LVEP56DT Datasheet HTML 6Page - ON Semiconductor NB100LVEP56DT Datasheet HTML 7Page - ON Semiconductor NB100LVEP56DT Datasheet HTML 8Page - ON Semiconductor NB100LVEP56DT Datasheet HTML 9Page - ON Semiconductor NB100LVEP56DT Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB100LVEP56
http://onsemi.com
6
Table 8. AC CHARACTERISTICS VCC = 0 V; VEE = −2.375 V to −3.8 V or VCC = 2.375 V to 3.8 V; VEE = 0 V (Note 14)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP Output Voltage Amplitude
fin v 1 GHz
(See Figure 4)
fin = 2 GHz
fin = 2.5 GHz
525
500
400
700
600
500
550
500
350
700
600
450
500
400
200
700
500
300
mV
tPLH,
tPHL
Propagation Delay to Output Differential
D to Q, Q
SEL to Q, Q
COM_SEL to Q, Q
375
575
550
500
775
750
625
975
950
400
625
600
525
825
800
650
1025
1000
450
700
700
575
900
900
700
1100
1100
ps
tSkew
Pulse Skew (Note 15)
Within Device Input Skew (Note 16)
Within Device Output Skew (Note 17)
Device−to−Device Skew (Note 18)
10
5
15
50
50
30
50
200
10
5
15
50
10
5
15
50
50
30
50
200
ps
tJITTER
RMS Random Clock Jitter (Note 19)
@ v1.0 GHz
@ v1.5 GHz
@ v2.0 GHz
@ v2.5 GHz
Peak−to−Peak Data Dependent Jitter (Note 20)
@ 0.5 GHz
@ 1.25 GHz
@ 2.488 GHz
0.269
0.306
0.250
0.339
4.1
32.2
30.8
0.4
0.4
0.4
0.8
16
80
66
0.307
0.303
0.305
0.895
4.6
22.6
27.2
0.4
0.4
0.5
2.0
15
63
56
0.371
0.391
0.722
2.443
4.4
22
24.4
0.5
0.6
1.2
7.7
16
53
54
ps
VINPP
Input Voltage Swing (Differential Configuration)
(Note 21)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times @ 50 MHz
Q, Q
(20% − 80%)
60
110
150
60
120
170
90
140
230
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. Input edge rates 150 ps (20% − 80%).
15.Pulse Skew |tPLH − tPHL|
16.Worst case difference between D0a and D0b (or between D1a or D1b), when both output come from same input.
17.Worst case difference between Q0 and Q1 outputs.
18.Skew is measured between outputs under identical transitions.
19.Additive RMS jitter with 50% Duty Cycle Clock Signal.
20.Additive Peak−to−Peak jitter with input NRZ data at PRBS 231−1.
21.Input voltage swing is a single−ended measurement operating in differential mode.
Figure 4. Output Voltage Amplitude (VOUTPP) vs.
Input Frequency (fin) at VCC = 2.5 V, 255C
INPUT FREQUENCY (GHz)
250
350
450
550
650
750
850
0.5
1.0
1.5
2.0
2.5
Q AMP (mV)


Similar Part No. - NB100LVEP56DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56DT ONSEMI-NB100LVEP56DT Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
NB100LVEP56DTG ONSEMI-NB100LVEP56DTG Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56DTR2 ONSEMI-NB100LVEP56DTR2 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
NB100LVEP56DTR2G ONSEMI-NB100LVEP56DTR2G Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
More results

Similar Description - NB100LVEP56DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56_16 Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com