Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100ELT23LDTR2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB100ELT23LDTR2
Description  3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100ELT23LDTR2 Datasheet(HTML) 8 Page - ON Semiconductor

  NB100ELT23LDTR2 Datasheet HTML 1Page - ON Semiconductor NB100ELT23LDTR2 Datasheet HTML 2Page - ON Semiconductor NB100ELT23LDTR2 Datasheet HTML 3Page - ON Semiconductor NB100ELT23LDTR2 Datasheet HTML 4Page - ON Semiconductor NB100ELT23LDTR2 Datasheet HTML 5Page - ON Semiconductor NB100ELT23LDTR2 Datasheet HTML 6Page - ON Semiconductor NB100ELT23LDTR2 Datasheet HTML 7Page - ON Semiconductor NB100ELT23LDTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NB100ELT23L
http://onsemi.com
8
PACKAGE DIMENSIONS
DFN8
CASE 506AA−01
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994 .
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2 X
REFERENCE
2 X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
(A3)
D2
E2
C
C
0.10
C
0.10
C
0.08
8 X
A1
SEATING
PLANE
e/2
e
8 X
K
NOTE 3
b
8 X
0.10 C
0.05 C
A BB
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
2.00 BSC
D2
1.10
1.30
E
2.00 BSC
E2
0.70
0.90
e
0.50 BSC
K
0.20
−−−
L
0.25
0.35
1
4
8
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NB100ELT23L/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ECLinPS is a trademark of Semiconductor Components INdustries, LLC (SCILLC).


Similar Part No. - NB100ELT23LDTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23LDTR2 ONSEMI-NB100ELT23LDTR2 Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23LDTR2G ONSEMI-NB100ELT23LDTR2G Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23LDTR2G ONSEMI-NB100ELT23LDTR2G Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
More results

Similar Description - NB100ELT23LDTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L_15 Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89223L MICREL-SY89223L Datasheet
41Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com