Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100EP223FAR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB100EP223FAR2
Description  3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100EP223FAR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB100EP223FAR2 Datasheet HTML 2Page - ON Semiconductor NB100EP223FAR2 Datasheet HTML 3Page - ON Semiconductor NB100EP223FAR2 Datasheet HTML 4Page - ON Semiconductor NB100EP223FAR2 Datasheet HTML 5Page - ON Semiconductor NB100EP223FAR2 Datasheet HTML 6Page - ON Semiconductor NB100EP223FAR2 Datasheet HTML 7Page - ON Semiconductor NB100EP223FAR2 Datasheet HTML 8Page - ON Semiconductor NB100EP223FAR2 Datasheet HTML 9Page - ON Semiconductor NB100EP223FAR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NB100EP223
http://onsemi.com
9
PACKAGE DIMENSIONS
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MM.
3. DATUM PLANE E" IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING PLANE.
4. DATUM X", Y" AND Z" TO BE DETERMINED AT
DATUM PLANE DATUM E".
5. DIMENSIONS M AND L TO BE DETERMINED AT
SEATING PLANE DATUM T".
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
(0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLAND E".
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM D DIMENSION
BY MORE THAN 0.08 (0.003). DAMBAR CANNOT
BE LOCATED ON THE LOWER RADIUS OR THE
FOOT. MINIMUM SPACE BETWEEN PROTRUSION
AND ADJACENT LEAD OR PROTRUSION 0.07
(0.003).
8. EXACT SHAPE OF EACH CORNER IS OPTIONAL.
DIM
A
MIN
MAX
MIN
MAX
INCHES
10.00 BSC
0.394 BSC
MILLIMETERS
B
10.00 BSC
0.394 BSC
C
1.35
1.45
0.053
0.057
D
0.17
0.27
0.007
0.011
F
0.45
0.75
0.018
0.030
G
0.50 BSC
0.020 BSC
H
1.00 REF
0.039 BSC
J
0.09
0.20
0.004
0.008
K
0.05
0.15
0.002
0.006
L
12.00 BSC
0.472 BSC
M
12.00 BSC
0.472 BSC
N
0.20
0.008
P
0
7
0
7
R
0
−−−
0
−−−
S
−−−
1.60
−−−
0.063
V
W
AA
0.17
0.23
0.007
0.009
AB
0.09
0.16
0.004
0.006
AC
0.08
−−−
0.003
−−−
AD
0.08
−−−
0.003
−−−
AE
4.50
4.78
0.180
0.188
0.05 (0.002) S
1
B
B/2
16
17
32
33
48
49
64
−X−
L
L/2
−Z−
M
M/2
A
A/2
AJ
AJ
Z
0.20 (0.008) T X−Y
4 PL
Z
0.20 (0.008) E X−Y
−T−
SEATING
PLANE
G/2
G
4 PL
AG
AG
D 64 PL
Z
0.08 (0.003) M T X−Y
−E−
0.08 (0.003) T
EXPOSED PAD
VIEW AG−AG
DETAIL AH
DETAIL AH
___
_
__
AA
D
AB
J
DETAIL AJ−AJ
REF
BASE
METAL
PLATING
Z
0.08 (0.003) M Y T−U
S C
K
V
R
W
N
F
H
P
AC
0.25
GAGE
PLANE
60 PL
1
16
17
32
33
48
49
64
AD
−−−
−−−
11
13
11
13
___
_
11
13
11
13
___
_
AF
4.50
4.78
0.180
0.188
AE
AF
LQFP 64 LEAD EXPOSED PAD
848G−02
ISSUE A


Similar Part No. - NB100EP223FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
NB100ELT23LD ONSEMI-NB100ELT23LD Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23LD ONSEMI-NB100ELT23LD Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com