Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP17DT Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB100LVEP17DT
Description  2.5V / 3.3V Quad Differential Driver/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP17DT Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB100LVEP17DT Datasheet HTML 2Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 3Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 4Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 5Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 6Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 7Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 8Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 9Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NB100LVEP17
http://onsemi.com
7
Figure 4. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) at VCC = 2.5 V, Ambient Temperature
INPUT FREQUENCY (GHz)
2.5
2.0
1.5
1.0
0.5
250
350
450
550
650
750
850
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
Figure 5. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) at VCC = 3.3 V, Ambient Temperature
INPUT FREQUENCY (GHz)
2.5
2.0
1.5
1.0
0.5
250
350
450
550
650
750
850
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
Q AMP (mV)
RMS JITTER (ps)
Q AMP (mV)
RMS JITTER (ps)
Figure 6. AC Reference Measurement
D
D
Q
Q
tPHL
tPLH
VINPP = VIH(D) − VIL(D)
VOUTPP = VOH(Q) − VOL(Q)


Similar Part No. - NB100LVEP17DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP17DTG ONSEMI-NB100LVEP17DTG Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NB100LVEP17DTR2G ONSEMI-NB100LVEP17DTR2G Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
More results

Similar Description - NB100LVEP17DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NB100LVEP17 ONSEMI-NB100LVEP17_14 Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com