Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD3112DMT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUD3112DMT1
Description  Integrated Relay, Inductive Load Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3112DMT1 Datasheet(HTML) 1 Page - ON Semiconductor

  NUD3112DMT1 Datasheet HTML 1Page - ON Semiconductor NUD3112DMT1 Datasheet HTML 2Page - ON Semiconductor NUD3112DMT1 Datasheet HTML 3Page - ON Semiconductor NUD3112DMT1 Datasheet HTML 4Page - ON Semiconductor NUD3112DMT1 Datasheet HTML 5Page - ON Semiconductor NUD3112DMT1 Datasheet HTML 6Page - ON Semiconductor NUD3112DMT1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 7
1
Publication Order Number:
NUD3112/D
NUD3112
Integrated Relay,
Inductive Load Driver
This device is used to switch inductive loads such as relays,
solenoids incandescent lamps, and small DC motors without the need
of a free−wheeling diode. The device integrates all necessary items
such as the MOSFET switch, ESD protection, and Zener clamps. It
accepts logic level inputs thus allowing it to be driven by a large
variety of devices including logic gates, inverters, and
microcontrollers.
Features
Provides a Robust Driver Interface Between D.C. Relay Coil and
Sensitive Logic Circuits
Optimized to Switch Relays of 12 V Rail
Capable of Driving Relay Coils Rated up to 6.0 W at 12 V
Internal Zener Eliminates the Need of Free−Wheeling Diode
Internal Zener Clamp Routes Induced Current to Ground for Quieter
Systems Operation
Low VDS(ON) Reduces System Current Drain
Pb−Free Packages are Available
Typical Applications
Telecom: Line Cards, Modems, Answering Machines, FAX
Computers and Office: Photocopiers, Printers, Desktop Computers
Consumer: TVs and VCRs, Stereo Receivers, CD Players, Cassette
Recorders
Industrial: Small Appliances, Security Systems, Automated Test
Equipment, Garage Door Openers
INTERNAL CIRCUIT DIAGRAMS
Drain (3)
1.0 k
300 k
Gate (1)
Source (2)
Drain (6)
1.0 k
300 k
Gate (2)
Source (1)
Drain (3)
1.0 k
300 k
Gate (5)
Source (4)
CASE 318F
CASE 318
http://onsemi.com
MARKING DIAGRAMS
SOT−23
CASE 318
STYLE 21
JW5 M
G
G
JW5
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
SC−74
CASE 318F
STYLE 7
JW5
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
JW5 M
G
G
1
2
3
1
6
Device
Package
Shipping
ORDERING INFORMATION
NUD3112LT1
SOT−23
3000/Tape & Reel
NUD3112LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NUD3112DMT1
SC−74
3000/Tape & Reel
NUD3112DMT1G
SC−74
(Pb−Free)
3000/Tape & Reel


Similar Part No. - NUD3112DMT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3112DMT1 ONSEMI-NUD3112DMT1 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3112DMT1G ONSEMI-NUD3112DMT1G Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
More results

Similar Description - NUD3112DMT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com