Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD3048MT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUD3048MT1
Description  FET Switch 100 V, 800 mohm N-Channel, TSOP-6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3048MT1 Datasheet(HTML) 2 Page - ON Semiconductor

  NUD3048MT1 Datasheet HTML 1Page - ON Semiconductor NUD3048MT1 Datasheet HTML 2Page - ON Semiconductor NUD3048MT1 Datasheet HTML 3Page - ON Semiconductor NUD3048MT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUD3048
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VDSS
Drain to Source Voltage – Continuous
100
V
VG1SS
Gate to Source Voltage – Continuous @ 1.0 mA
15
V
ID
Drain Current – Continuous (TA =25
_C) (Note 1)
(Note 2)
0.7
1.2
A
PD
Power Dissipation (TA =25
_C) (Note 1)
(Note 2)
0.66
1.56
W
VG2SS
Gate Resistor to Source Voltage – Continuous
100
V
TJmax
Maximum Junction Temperature
150
°C
RqJA
Thermal Impedance (Junction−to−Ambient) (Note 1)
Thermal Impedance (Junction−to−Ambient) (Note 2)
190
80
°C/W
ESD
Human Body Model (HBM) Class 2
Machine Model Class A
According to EIA/JESD22/A114 Specification
2000
160
V
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TJ =25
_C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain to Source Leakage Current (VDS = 80 V, VGS = 0 V)
IDSS
20
100
mA
Gate Body Leakage Current
(VGS =10 V, VDS = 0 V)
(VGS = 10 V, VDS = 0 V, TJ = 125°C)
IGSS
IGSS
3.0
6.0
10
20
mA
ON CHARACTERISTICS
Gate Threshold Voltage (ID = 1.0 mA)
VGS
1.3
1.7
2.0
V
Drain to Source Resistance (VGS = 4.5 V, ID = 100 mA)
RDS(on)
0.65
0.82
W
Drain to Source Resistance (VGS = 10 V, ID = 100 mA)
RDS(on)
0.6
0.72
W
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 5.0 V, VGS = 0 V, f = 10 kHz)
Ciss
135
pF
Output Capacitance (VDS = 5.0 V, VGS = 0 V, f = 10 kHz)
Coss
75
pF
Transfer Capacitance (VDS = 5.0 V, VGS = 0 V, f = 10 kHz)
Crss
26
pF
GATE BIAS CHARACTERISTICS
Gate Resistor
RG
75
100
125
k
W
Gate Zener Breakdown Voltage (IZ = 1.0 mA) (Note 3)
Gate Zener Breakdown Voltage (IZ = 3.0 mA) (Note 4)
VZ
15
100
17
115
V
1. Min pad, 1 oz. Cu.
2. 1 inch pad, 1 oz Cu.
3. Measured from gate 1 to source.
4. Measured from gate 2 to source.


Similar Part No. - NUD3048MT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3048MT1 ONSEMI-NUD3048MT1 Datasheet
48Kb / 4P
   FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
NUD3048MT1G ONSEMI-NUD3048MT1G Datasheet
48Kb / 4P
   FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
More results

Similar Description - NUD3048MT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3048 ONSEMI-NUD3048 Datasheet
48Kb / 4P
   FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
logo
STMicroelectronics
STT4NF30L STMICROELECTRONICS-STT4NF30L Datasheet
37Kb / 5P
   N - CHANNEL 30V - 0.055ohm - 4A - TSOP-6 STripFET MOSFET
logo
Nexperia B.V. All right...
PSMN9R8-100YSF NEXPERIA-PSMN9R8-100YSF Datasheet
330Kb / 14P
   NextPower 100 V, 10.2 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN7R2-100YSF NEXPERIA-PSMN7R2-100YSF Datasheet
332Kb / 14P
   NextPower 100 V, 6.9 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN8R9-100BSE NEXPERIA-PSMN8R9-100BSE Datasheet
319Kb / 12P
   N-channel 100 V, 10 mOhm, standard level MOSFET in D2PAK
28 October 2020
PSMN5R5-100YSF NEXPERIA-PSMN5R5-100YSF Datasheet
324Kb / 14P
   NextPower 100 V, 5.6 mOhm N-channel MOSFET in LFPAK56 package
11 October 2022
PSMN015-100YSF NEXPERIA-PSMN015-100YSF Datasheet
332Kb / 14P
   NextPower 100 V, 15.5 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN012-100YSF NEXPERIA-PSMN012-100YSF Datasheet
335Kb / 14P
   NextPower 100 V, 11.8 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com