Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD3105 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUD3105
Description  Integrated Relay, Inductive Load Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3105 Datasheet(HTML) 3 Page - ON Semiconductor

  NUD3105_06 Datasheet HTML 1Page - ON Semiconductor NUD3105_06 Datasheet HTML 2Page - ON Semiconductor NUD3105_06 Datasheet HTML 3Page - ON Semiconductor NUD3105_06 Datasheet HTML 4Page - ON Semiconductor NUD3105_06 Datasheet HTML 5Page - ON Semiconductor NUD3105_06 Datasheet HTML 6Page - ON Semiconductor NUD3105_06 Datasheet HTML 7Page - ON Semiconductor NUD3105_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NUD3105
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Unit
Max
Typ
Min
Symbol
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 5.0 V,VGS = 0 V, f = 10 kHz)
Ciss
25
pF
Output Capacitance
(VDS = 5.0 V, VGS = 0 V, f = 10 kHz)
Coss
37
pF
Transfer Capacitance
(VDS = 5.0 V, VGS = 0 V, f = 10 kHz)
Crss
8.0
pF
SWITCHING CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Units
Propagation Delay Times:
High to Low Propagation Delay; Figure 1 (5.0 V)
Low to High Propagation Delay; Figure 1 (5.0 V)
High to Low Propagation Delay; Figure 1 (3.0 V)
Low to High Propagation Delay; Figure 1 (3.0 V)
tPHL
tPLH
tPHL
tPLH
25
80
44
44
nS
Transition Times:
Fall Time; Figure 1 (5.0 V)
Rise Time; Figure 1 (5.0 V)
Fall Time; Figure 1 (3.0 V)
Rise Time; Figure 1 (3.0 V)
tf
tr
tf
tr
23
32
53
30
nS
Figure 1. Switching Waveforms
Vout
Vin
0 V
VOH
VIH
tr
tf
tPLH
tPHL
50%
90%
50%
10%
VOL


Similar Part No. - NUD3105_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3105D ONSEMI-NUD3105D Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
NUD3105D ONSEMI-NUD3105D Datasheet
152Kb / 8P
   Integrated Relay, Inductive Load Driver
October, 2009 ??Rev. 5
NUD3105DD ONSEMI-NUD3105DD Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
More results

Similar Description - NUD3105_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com