Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD3105 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NUD3105
Description  Integrated Relay, Inductive Load Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3105 Datasheet(HTML) 5 Page - ON Semiconductor

  NUD3105_06 Datasheet HTML 1Page - ON Semiconductor NUD3105_06 Datasheet HTML 2Page - ON Semiconductor NUD3105_06 Datasheet HTML 3Page - ON Semiconductor NUD3105_06 Datasheet HTML 4Page - ON Semiconductor NUD3105_06 Datasheet HTML 5Page - ON Semiconductor NUD3105_06 Datasheet HTML 6Page - ON Semiconductor NUD3105_06 Datasheet HTML 7Page - ON Semiconductor NUD3105_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NUD3105
http://onsemi.com
5
TYPICAL CHARACTERISTICS
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0.01
100
10
0.1
0.1
1.0
0.01
1.0
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
ID, DRAIN CURRENT (A)
Figure 8. On−Resistance vs. Drain Current and
Temperature
TEMPERATURE (
°C)
Figure 9. Gate Leakage vs. Temperature
1.0
0.9
0.8
0.5
0.6
0.7
1.1
1.2
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
30
25
0
5
10
35
40
−50
−25
0
25
50
75
100
125
20
15
125
°C
85
°C
50
°C
25
°C
−40
°C
VGS = 3.0 V
VGS = 5.0 V
Figure 10. Safe Operating Area
Figure 11. Transient Thermal Response
0.01
0.1
1.0
10
100
1000
10,000
100,000
1,000,000
D = 0.5
0.2
0.1
0.05
0.02
SINGLE PULSE
0.01
Pd(pk)
t1
t2
DUTY CYCLE = t1/t2
PERIOD
PW
1.0
0.1
0.01
0.001
t1, PULSE WIDTH (ms)
DC
PW = 0.1 s
DC = 50%
PW = 7.0 ms
DC = 5%
PW = 10 ms
DC = 20%
Typical
IZ vs. VZ
V(BR)DSS min = 6.0 V
ID−Continuous = 0.5 A
VGS = 3.0 V, TC = 25°C


Similar Part No. - NUD3105_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3105D ONSEMI-NUD3105D Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
NUD3105D ONSEMI-NUD3105D Datasheet
152Kb / 8P
   Integrated Relay, Inductive Load Driver
October, 2009 ??Rev. 5
NUD3105DD ONSEMI-NUD3105DD Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
More results

Similar Description - NUD3105_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com