Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMS5P02R2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMS5P02R2
Description  Power MOSFET -5.4 Amps, -20 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS5P02R2 Datasheet(HTML) 3 Page - ON Semiconductor

  NTMS5P02R2_06 Datasheet HTML 1Page - ON Semiconductor NTMS5P02R2_06 Datasheet HTML 2Page - ON Semiconductor NTMS5P02R2_06 Datasheet HTML 3Page - ON Semiconductor NTMS5P02R2_06 Datasheet HTML 4Page - ON Semiconductor NTMS5P02R2_06 Datasheet HTML 5Page - ON Semiconductor NTMS5P02R2_06 Datasheet HTML 6Page - ON Semiconductor NTMS5P02R2_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTMS5P02R2
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted) (Note 5)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = −250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
−20
−15
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = −16 Vdc, VGS = 0 Vdc, TJ = 25°C)
(VDS = −16 Vdc, VGS = 0 Vdc, TJ = 125°C)
(VDS = −20 Vdc, VGS = 0 Vdc, TJ = 25°C)
IDSS
−0.2
−1.0
−10
mAdc
Gate−Body Leakage Current
(VGS = −10 Vdc, VDS = 0 Vdc)
IGSS
−100
nAdc
Gate−Body Leakage Current
(VGS = +10 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = VGS, ID = −250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
−0.65
−0.9
2.9
−1.25
Vdc
mV/°C
Static Drain−to−Source On−State Resistance
(VGS = −4.5 Vdc, ID = −5.4 Adc)
(VGS = −2.5 Vdc, ID = −2.7 Adc)
RDS(on)
0.026
0.037
0.033
0.048
W
Forward Transconductance (VDS = −9.0 Vdc, ID = −5.4 Adc)
gFS
15
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = −16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1375
1900
pF
Output Capacitance
Coss
510
900
Reverse Transfer Capacitance
Crss
200
380
SWITCHING CHARACTERISTICS (Notes 6 & 7)
Turn−On Delay Time
(VDD = −16 Vdc, ID = −1.0 Adc,
VGS = −4.5 Vdc,
RG = 6.0 W)
td(on)
18
35
ns
Rise Time
tr
25
50
Turn−Off Delay Time
td(off)
70
125
Fall Time
tf
55
100
Turn−On Delay Time
(VDD = −16 Vdc, ID = −5.4 Adc,
VGS = −4.5 Vdc,
RG = 6.0 W)
td(on)
22
ns
Rise Time
tr
70
Turn−Off Delay Time
td(off)
65
Fall Time
tf
90
Total Gate Charge
(VDS = −16 Vdc,
VGS = −4.5 Vdc,
ID = −5.4 Adc)
Qtot
20
35
nC
Gate−Source Charge
Qgs
4.0
Gate−Drain Charge
Qgd
7.0
BODY−DRAIN DIODE RATINGS (Note 6)
Diode Forward On−Voltage
(IS = −5.4 Adc, VGS = 0 V)
(IS = −5.4 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−0.95
−0.72
−1.25
Vdc
Reverse Recovery Time
(IS = −5.4 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
40
75
ns
ta
20
tb
20
Reverse Recovery Stored Charge
QRR
0.03
mC
5. Handling precautions to protect against electrostatic discharge is mandatory.
6. Indicates Pulse Test: Pulse Width = 300 ms max, Duty Cycle = 2%.
7. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NTMS5P02R2_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS5P02R2G ONSEMI-NTMS5P02R2G Datasheet
124Kb / 7P
   Power MOSFET
December, 2012 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTMS5P02R2G VBSEMI-NTMS5P02R2G Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NTMS5P02R2_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS5P02R2 ONSEMI-NTMS5P02R2 Datasheet
88Kb / 8P
   Power MOSFET -5.4 Amps, -20 Volts
June, 2003 - Rev. 1
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NVMFS5C628NL ONSEMI-NVMFS5C628NL Datasheet
93Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
October, 2015 ??Rev. 0
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
75Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
December, 2003 ??Rev. 1
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
   Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
NTR3A052PZ ONSEMI-NTR3A052PZ Datasheet
61Kb / 3P
   Power MOSFET 4 Amps, 20 Volts
December, 2015 ??Rev. P0
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
83Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NTHD5905T1 ONSEMI-NTHD5905T1 Datasheet
204Kb / 8P
   Power MOSFET 4 Amps, 20 Volts
February, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com