Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTMS3P03R2 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NTMS3P03R2
Description  Power MOSFET -3.05 Amps, -30 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NTMS3P03R2 Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMS3P03R2
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
0.25
0.2
0.1
0.15
0.05
1
0.6
1.2
1.6
0
5
2
2
0.5
0.25
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
3
0.5
0.4
0.3
7
6
5
0.2
0.1
0
48
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 5. On−Resistance vs. Drain Current and
Gate Voltage
−ID, DRAIN CURRENT (AMPS)
Figure 6. On Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
13
25
4
14
3
25
−50
50
75
25
0
150
−25
0.75
1
3
4
VGS = −8 V
VGS = −6 V
VGS = −4.8 V
VGS = −5 V
VGS = −4.4 V
VGS = −3.6 V
VDS > = −10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
VGS = −10 V
VGS = −4.5 V
6
ID = −3.05 A
VGS = −10 V
6
0.6
0.7
VGS = −4.6 V
VGS = −10 V
ID = −3.05 A
TJ = 25°C
TJ = 25°C
1
1.25
1.5
1.75
5
2
0
1
3
4
6
2
0.5
0.4
0.3
6
5
4
0.2
0.1
0
37
0.6
0.7
1.4
0.8
VGS = −3.2 V
VGS = −3 V
VGS = −2.6 V
ID = −1.5 A
TJ = 25°C
100
125
VGS = −4 V
TJ = 25°C
VGS = −2.8 V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn