Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTMS3P03R2 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NTMS3P03R2
Description  Power MOSFET -3.05 Amps, -30 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NTMS3P03R2 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 2
1
Publication Order Number:
NTMS3P03R2/D
NTMS3P03R2
Power MOSFET
−3.05 Amps, −30 Volts
P−Channel SOIC−8
Features
High Efficiency Components in a Single SOIC−8 Package
High Density Power MOSFET with Low RDS(on)
Miniature SOIC−8 Surface Mount Package − Saves Board Space
Diode Exhibits High Speed with Soft Recovery
IDSS Specified at Elevated Temperature
Avalanche Energy Specified
Mounting Information for the SOIC−8 Package is Provided
Pb−Free Package is Available
Applications
DC−DC Converters
Low Voltage Motor Control
Power Management in Portable and Battery−Powered Products,
i.e.: Computers, Printers, PCMCIA Cards, Cellular & Cordless
Telephones
Device
Package
Shipping
ORDERING INFORMATION
NTMS3P03R2
SOIC−8
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SOIC−8
CASE 751
STYLE 13
MARKING DIAGRAM &
PIN ASSIGNMENT
E3P03 = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
E3P03
AYWW G
G
1
8
NC S
S G
DD
D D
(Note: Microdot may be in either location)
NTMS3P03R2G
SOIC−8
(Pb−Free)
2500/Tape & Reel
2500/Tape & Reel
−3.05 AMPERES
−30 VOLTS
0.085 W @ VGS = −10 V
D
S
G
P−Channel
1
8


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn