Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTMS3P03R2 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NTMS3P03R2
Description  Power MOSFET -3.05 Amps, -30 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NTMS3P03R2 Datasheet(HTML) 6 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTMS3P03R2
http://onsemi.com
6
Figure 13. Maximum Rated Forward Biased
Safe Operating Area
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
Figure 14. Diode Reverse Recovery Waveform
100
1.0
0.01
Figure 15. FET Thermal Response
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.1
100
10
VGS = 12 V
SINGLE PULSE
TA = 25°C
10 ms
dc
1.0 ms
1.0
0.1
10
1.0
0.1
0.01
1E−03
1E−02
1E−01
1E+00
1E+01
1E+02
1E+03
D = 0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
0.0014 F
0.0073 F
0.022 F
0.105 F
0.484 F
Ambient
Chip
Junction 2.32 W
18.5 W
50.9 W
37.1 W
56.8 W
Normalized to RqJA at Steady State (1″ pad)
3.68 F
24.4 W
t, TIME (s)
RDS(on)
THERMAL LIMIT
PACKAGE LIMIT


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn