Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD25P03LRL Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD25P03LRL
Description  Power MOSFET -25 Amp, -30 Volt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD25P03LRL Datasheet(HTML) 5 Page - ON Semiconductor

  NTD25P03LRL Datasheet HTML 1Page - ON Semiconductor NTD25P03LRL Datasheet HTML 2Page - ON Semiconductor NTD25P03LRL Datasheet HTML 3Page - ON Semiconductor NTD25P03LRL Datasheet HTML 4Page - ON Semiconductor NTD25P03LRL Datasheet HTML 5Page - ON Semiconductor NTD25P03LRL Datasheet HTML 6Page - ON Semiconductor NTD25P03LRL Datasheet HTML 7Page - ON Semiconductor NTD25P03LRL Datasheet HTML 8Page - ON Semiconductor NTD25P03LRL Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NTD25P03L
http://onsemi.com
5
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
ID = −25 A
TJ = 25°C
−VGS
QT
−VDS
30
0
20
10
6
0
Qg, TOTAL GATE CHARGE (nC)
05
10
8
4
2
2.5
7.5
10
1000
100
1
RG, GATE RESISTANCE (W)
1
100
10
10
VDD = −15 V
ID = −25 A
VGS = −5.0 V
TJ = 25°C
tr
td(off)
td(on)
tf
12.5
15
Q3
Q1
Q2
25
15
5
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode
are very important in systems using it as a freewheeling or
commutating diode. Of particular interest are the reverse
recovery characteristics which play a major role in
determining switching losses, radiated noise, EMI and RFI.
System switching losses are largely due to the nature of
the body diode itself. The body diode is a minority carrier
device, therefore it has a finite reverse recovery time, trr, due
to the storage of minority carrier charge, QRR, as shown in
the typical reverse recovery wave form of Figure 14. It is this
stored charge that, when cleared from the diode, passes
through a potential and defines an energy loss. Obviously,
repeatedly forcing the diode through reverse recovery
further increases switching losses. Therefore, one would
like a diode with short trr and low QRR specifications to
minimize these losses.
The abruptness of diode reverse recovery effects the
amount of radiated noise, voltage spikes, and current
ringing. The mechanisms at work are finite irremovable
circuit parasitic inductances and capacitances acted upon by
high di/dts. The diode’s negative di/dt during ta is directly
controlled by the device clearing the stored charge.
However, the positive di/dt during tb is an uncontrollable
diode characteristic and is usually the culprit that induces
current ringing. Therefore, when comparing diodes, the
ratio of tb/ta serves as a good indicator of recovery
abruptness and thus gives a comparative estimate of
probable noise generated. A ratio of 1 is considered ideal and
values less than 0.5 are considered snappy.
Compared to ON Semiconductor standard cell density
low voltage MOSFETs, high cell density MOSFET diodes
are faster (shorter trr), have less stored charge and a softer
reverse recovery characteristic. The softness advantage of
the high cell density diode means they can be forced through
reverse recovery at a higher di/dt than a standard cell
MOSFET diode without increasing the current ringing or the
noise generated. In addition, power dissipation incurred
from switching the diode will be less due to the shorter
recovery time and lower switching losses.
25
0
Figure 10. Diode Forward Voltage versus Current
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
0
5
0.3
VGS = 0 V
TJ = 25°C
0.4
0.8 0.9
10
15
20
0.1 0.2
0.5 0.6 0.7
1
1.1


Similar Part No. - NTD25P03LRL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD25P03L ONSEMI-NTD25P03L Datasheet
74Kb / 10P
   Power MOSFET
August, 2004 ??Rev. 1
NTD25P03L ONSEMI-NTD25P03L Datasheet
117Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 5
NTD25P03L ONSEMI-NTD25P03L Datasheet
234Kb / 9P
   MOSFET – Power, P-Channel, Logic Level, DPAK -25 A, -30 V
May, 2019 - Rev. 5
NTD25P03L1 ONSEMI-NTD25P03L1 Datasheet
74Kb / 10P
   Power MOSFET
August, 2004 ??Rev. 1
NTD25P03LG ONSEMI-NTD25P03LG Datasheet
74Kb / 10P
   Power MOSFET
August, 2004 ??Rev. 1
More results

Similar Description - NTD25P03LRL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM7B25A120B MOTOROLA-MHPM7B25A120B Datasheet
559Kb / 9P
   25 AMP, 1200 VOLT HYBRID POWER MODULE
logo
Central Semiconductor C...
CP322-CJD200 CENTRAL-CP322-CJD200 Datasheet
315Kb / 3P
   NPN - Power Transistor Die 5.0 Amp, 25 Volt
R0 13-May 2022
CPQ166 CENTRAL-CPQ166 Datasheet
174Kb / 1P
   25 Amp, 600 Volt TRIAC Chip
logo
ON Semiconductor
NTB5605T4G ONSEMI-NTB5605T4G Datasheet
94Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
January, 2008 - Rev. 3
NTB5605P ONSEMI-NTB5605P_05 Datasheet
70Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
NTD24N06-1G ONSEMI-NTD24N06-1G Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
logo
List of Unclassifed Man...
SPS3045 ETC-SPS3045 Datasheet
32Kb / 2P
   30 Amp 45 Volt Power Schottky Center-Tap
logo
Central Semiconductor C...
CPQ165 CENTRAL-CPQ165 Datasheet
36Kb / 1P
   TRIAC 25 Amp, 600 Volt TRIAC Chip
CPD48V-CMPSH-3 CENTRAL-CPD48V-CMPSH-3 Datasheet
465Kb / 4P
   Schottky Diode Die 0.1 Amp, 30 Volt
R1 14-November 2017
CPD76X-1N5818 CENTRAL-CPD76X-1N5818 Datasheet
455Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 30 Volt
R0 14-September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com