Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGS3455T1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTGS3455T1
Description  MOSFET -3.5 Amps, -30 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3455T1 Datasheet(HTML) 5 Page - ON Semiconductor

  NTGS3455T1_07 Datasheet HTML 1Page - ON Semiconductor NTGS3455T1_07 Datasheet HTML 2Page - ON Semiconductor NTGS3455T1_07 Datasheet HTML 3Page - ON Semiconductor NTGS3455T1_07 Datasheet HTML 4Page - ON Semiconductor NTGS3455T1_07 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTGS3455T1
http://onsemi.com
5
PACKAGE DIMENSIONS
TSOP−6
CASE 318G−02
ISSUE P
STYLE 1:
PIN 1. DRAIN
2. DRAIN
3. GATE
4. SOURCE
5. DRAIN
6. DRAIN
23
4
5
6
D
1
e
b
E
A1
A
0.05 (0.002)
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
c
L
0.95
0.037
1.9
0.075
0.95
0.037
mm
inches
SCALE 10:1
1.0
0.039
2.4
0.094
0.7
0.028
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.90
1.00
1.10
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.25
0.38
0.50
0.010
c
0.10
0.18
0.26
0.004
D
2.90
3.00
3.10
0.114
E
1.30
1.50
1.70
0.051
e
0.85
0.95
1.05
0.034
L
0.20
0.40
0.60
0.008
0.039
0.043
0.002
0.004
0.014
0.020
0.007
0.010
0.118
0.122
0.059
0.067
0.037
0.041
0.016
0.024
NOM
MAX
2.50
2.75
3.00
0.099
0.108
0.118
HE
10°
10°
q
q
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NTGS3455T1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTGS3455T1_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3455T1G ONSEMI-NTGS3455T1G Datasheet
68Kb / 6P
   MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTGS3455T1G VBSEMI-NTGS3455T1G Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3455T1_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3455T1 ONSEMI-NTGS3455T1 Datasheet
68Kb / 6P
   MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
NTMS7N03R2 ONSEMI-NTMS7N03R2_05 Datasheet
98Kb / 10P
   Power MOSFET 7 Amps, 30 Volts
June, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com