Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4809NHT4G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD4809NHT4G
Description  Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4809NHT4G Datasheet(HTML) 7 Page - ON Semiconductor

  NTD4809NHT4G Datasheet HTML 1Page - ON Semiconductor NTD4809NHT4G Datasheet HTML 2Page - ON Semiconductor NTD4809NHT4G Datasheet HTML 3Page - ON Semiconductor NTD4809NHT4G Datasheet HTML 4Page - ON Semiconductor NTD4809NHT4G Datasheet HTML 5Page - ON Semiconductor NTD4809NHT4G Datasheet HTML 6Page - ON Semiconductor NTD4809NHT4G Datasheet HTML 7Page - ON Semiconductor NTD4809NHT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTD4809NH
http://onsemi.com
7
PACKAGE DIMENSIONS
IPAK (STRAIGHT LEAD DPAK)
CASE 369D−01
ISSUE B
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
123
4
V
S
A
K
−T−
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.180
0.215
4.45
5.45
S
0.025
0.040
0.63
1.01
V
0.035
0.050
0.89
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Z
Z
0.155
−−−
3.93
−−−
3.5 MM IPAK, STRAIGHT LEAD
CASE 369AD−01
ISSUE O
b
D
L
E
E3
L2
b1
e
3X
A1
A
A1
A2
DIM
MIN
MAX
MILLIMETERS
A
2.19
2.38
A1
0.46
0.60
A2
0.87
1.10
b
0.69
0.89
b1
0.77
1.10
D
5.97
6.22
e
2.28 BSC
D2
4.80
−−−
E
6.35
6.73
E2
4.70
−−−
E3
4.45
5.46
L
3.40
3.60
L1
−−−
2.10
NOTES:
1.. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2.. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30mm FROM TERMINAL TIP.
4. DIMENSIONS D AND E DO NOT INCLUDE
MOLD GATE OR MOLD FLASH.
T
SEATING
D2
E2
OPTIONAL
CONSTRUCTION
PLANE
L1
L2
0.89
1.27
2X
M
0.13
T
D2
E2


Similar Part No. - NTD4809NHT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4809NHT4G ONSEMI-NTD4809NHT4G Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
More results

Similar Description - NTD4809NHT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4905N ONSEMI-NTD4905N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 67 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com