Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD25P03LG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD25P03LG
Description  Power MOSFET -25 Amp, -30 Volt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD25P03LG Datasheet(HTML) 6 Page - ON Semiconductor

  NTD25P03LG Datasheet HTML 1Page - ON Semiconductor NTD25P03LG Datasheet HTML 2Page - ON Semiconductor NTD25P03LG Datasheet HTML 3Page - ON Semiconductor NTD25P03LG Datasheet HTML 4Page - ON Semiconductor NTD25P03LG Datasheet HTML 5Page - ON Semiconductor NTD25P03LG Datasheet HTML 6Page - ON Semiconductor NTD25P03LG Datasheet HTML 7Page - ON Semiconductor NTD25P03LG Datasheet HTML 8Page - ON Semiconductor NTD25P03LG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NTD25P03L
http://onsemi.com
6
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10 ms. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RqJC).
A power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and must be adjusted for operating
conditions differing from those specified. Although industry
practice is to rate in terms of energy, avalanche energy
capability is not a constant. The energy rating decreases
non−linearly with an increase of peak current in avalanche
and peak junction temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry
custom. The energy rating must be derated for temperature
as shown in the accompanying graph (Figure 12). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = −20 V
SINGLE PULSE
TC = 25°C
10
dc
10 ms
1
100
100
1 ms
0.1
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
200
120
20
0
TJ, STARTING JUNCTION TEMPERATURE (°C)
25
125
150
100
75
50
100
ID = −20 A
40
60
140
160
180
100 ms
80


Similar Part No. - NTD25P03LG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD25P03LG ONSEMI-NTD25P03LG Datasheet
74Kb / 10P
   Power MOSFET
August, 2004 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTD25P03LG VBSEMI-NTD25P03LG Datasheet
1,014Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD25P03LG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM7B25A120B MOTOROLA-MHPM7B25A120B Datasheet
559Kb / 9P
   25 AMP, 1200 VOLT HYBRID POWER MODULE
logo
Central Semiconductor C...
CP322-CJD200 CENTRAL-CP322-CJD200 Datasheet
315Kb / 3P
   NPN - Power Transistor Die 5.0 Amp, 25 Volt
R0 13-May 2022
CPQ166 CENTRAL-CPQ166 Datasheet
174Kb / 1P
   25 Amp, 600 Volt TRIAC Chip
logo
ON Semiconductor
NTB5605T4G ONSEMI-NTB5605T4G Datasheet
94Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
January, 2008 - Rev. 3
NTB5605P ONSEMI-NTB5605P_05 Datasheet
70Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
NTD24N06-1G ONSEMI-NTD24N06-1G Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
logo
List of Unclassifed Man...
SPS3045 ETC-SPS3045 Datasheet
32Kb / 2P
   30 Amp 45 Volt Power Schottky Center-Tap
logo
Central Semiconductor C...
CPQ165 CENTRAL-CPQ165 Datasheet
36Kb / 1P
   TRIAC 25 Amp, 600 Volt TRIAC Chip
CPD48V-CMPSH-3 CENTRAL-CPD48V-CMPSH-3 Datasheet
465Kb / 4P
   Schottky Diode Die 0.1 Amp, 30 Volt
R1 14-November 2017
CPD76X-1N5818 CENTRAL-CPD76X-1N5818 Datasheet
455Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 30 Volt
R0 14-September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com