Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BYD31 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BYD31
Description  Fast soft-recovery controlled avalanche rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BYD31 Datasheet(HTML) 6 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1996 Sep 18
6
Not recommended for new designs
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYD31 series
Tamb =60 °C; Rth j-a = 250 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1000 V.
Fig.5 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
MCD586
10 −1
10 0
10 1
10 2
10 3
10 4
tp (ms)
10 −2
(A)
I FRM
4
1
0
2
3
δ =
0.05
0.2
0.5
0.1
1
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.6
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
0
0.25
0.50
1.0
0
0.5
MCD584
I
F(AV)
(A)
(W)
P
a = 3
a = 1.57
1.42
2.5
2
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
Fig.7
Maximum permissible junction temperature
as a function of reverse voltage.
handbook, halfpage
0
500
1000
200
0
100
MCD583
VR (V)
( C)
o
j
T
DG
J
K
M


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn