Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L72MMNG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB6L72MMNG
Description  2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L72MMNG Datasheet(HTML) 2 Page - ON Semiconductor

  NB6L72MMNG Datasheet HTML 1Page - ON Semiconductor NB6L72MMNG Datasheet HTML 2Page - ON Semiconductor NB6L72MMNG Datasheet HTML 3Page - ON Semiconductor NB6L72MMNG Datasheet HTML 4Page - ON Semiconductor NB6L72MMNG Datasheet HTML 5Page - ON Semiconductor NB6L72MMNG Datasheet HTML 6Page - ON Semiconductor NB6L72MMNG Datasheet HTML 7Page - ON Semiconductor NB6L72MMNG Datasheet HTML 8Page - ON Semiconductor NB6L72MMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NB6L72M
http://onsemi.com
2
Q0
Q0
Figure 1. Logic/Block Diagram
VTD0
D0
SEL0
SEL1
Q1
22
22
2
2
2
2
2
2
VCC
GND
+
50 W
50 W
75 kW
75 kW
Q1
D0
50 W
VTD1
D1
D1
50 W


Similar Part No. - NB6L72MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L72MMMNG ONSEMI-NB6L72MMMNG Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72MMMNR2G ONSEMI-NB6L72MMMNR2G Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
More results

Similar Description - NB6L72MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com