Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L239 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB6L239
Description  2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L239 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB6L239_06 Datasheet HTML 5Page - ON Semiconductor NB6L239_06 Datasheet HTML 6Page - ON Semiconductor NB6L239_06 Datasheet HTML 7Page - ON Semiconductor NB6L239_06 Datasheet HTML 8Page - ON Semiconductor NB6L239_06 Datasheet HTML 9Page - ON Semiconductor NB6L239_06 Datasheet HTML 10Page - ON Semiconductor NB6L239_06 Datasheet HTML 11Page - ON Semiconductor NB6L239_06 Datasheet HTML 12Page - ON Semiconductor NB6L239_06 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NB6L239
http://onsemi.com
9
Figure 7. Differential Input Driven Single−Ended
CLK
Figure 8. Differential Inputs Driven Differentially
CLK
Vth
Vth
CLK
CLK
VIHD
VILD
VID = |VIHD(CLK) − VILD(CLK)|
CLK
CLK
Figure 9. Differential Inputs Driven Differentially
VIH
VIL
VIHmax
VILmax
VIHmin
VILmin
VCC
Vthmax
Vthmin
VEE
Vth
VIHDmax
VILDmax
VIHDmin
VILDmin
VCMR
VCC
VCMmax
VCMmin
VEE
Figure 10. Vth Diagram
Figure 11. VCMR Diagram
CLK
CLK


Similar Part No. - NB6L239_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L239MN ONSEMI-NB6L239MN Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6L239MNEVB ONSEMI-NB6L239MNEVB Datasheet
249Kb / 6P
   NB6L239MNEVB Evaluation Board Users Manual
February, 2012 ??Rev. 1
NB6L239MNG ONSEMI-NB6L239MNG Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
NB6L239MNR2 ONSEMI-NB6L239MNR2 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6L239MNR2G ONSEMI-NB6L239MNR2G Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
More results

Similar Description - NB6L239_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239S ONSEMI-NB6N239S Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
   ÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
logo
Integrated Circuit Syst...
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
   8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
   8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com