Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N840M Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB4N840M
Description  3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N840M Datasheet(HTML) 9 Page - ON Semiconductor

  NB4N840M Datasheet HTML 1Page - ON Semiconductor NB4N840M Datasheet HTML 2Page - ON Semiconductor NB4N840M Datasheet HTML 3Page - ON Semiconductor NB4N840M Datasheet HTML 4Page - ON Semiconductor NB4N840M Datasheet HTML 5Page - ON Semiconductor NB4N840M Datasheet HTML 6Page - ON Semiconductor NB4N840M Datasheet HTML 7Page - ON Semiconductor NB4N840M Datasheet HTML 8Page - ON Semiconductor NB4N840M Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NB4N840M
http://onsemi.com
9
PACKAGE DIMENSIONS
QFN32 5*5*1 0.5 P
CASE 488AM−01
ISSUE O
SEATING
32 X
K
0.15 C
(A3)
A
A1
D2
b
1
9
16
17
32
2 X
2 X
E2
32 X
8
24
32 X
L
32 X
BOTTOM VIEW
EXPOSED PAD
TOP VIEW
SIDE VIEW
D
A
B
E
0.15 C
PIN ONE
LOCATION
0.10 C
0.08 C
C
25
e
A
0.10
B
C
0.05 C
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM TERMINAL
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
PLANE
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.800
0.900
1.000
A1
0.000
0.025
0.050
A3
0.200 REF
b
0.180
0.250
0.300
D
5.00 BSC
D2
2.950
3.100
3.250
E
5.00 BSC
E2
e
0.500 BSC
K
0.200
−−−
−−−
L
0.300
0.400
0.500
2.950
3.100
3.250
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50 PITCH
3.20
0.28
3.20
32 X
28 X
0.63
32 X
5.30
5.30
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NB4N840M/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NB4N840M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB4N840MMNG ONSEMI-NB4N840MMNG Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNG ONSEMI-NB4N840MMNG Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4N840MMNR4G ONSEMI-NB4N840MMNR4G Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
More results

Similar Description - NB4N840M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4L858M ONSEMI-NB4L858M Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com