Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYD17 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD17
Description  General purpose controlled avalanche rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD17 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD17 Datasheet HTML 1Page - NXP Semiconductors BYD17 Datasheet HTML 2Page - NXP Semiconductors BYD17 Datasheet HTML 3Page - NXP Semiconductors BYD17 Datasheet HTML 4Page - NXP Semiconductors BYD17 Datasheet HTML 5Page - NXP Semiconductors BYD17 Datasheet HTML 6Page - NXP Semiconductors BYD17 Datasheet HTML 7Page - NXP Semiconductors BYD17 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Nov 11
2
Philips Semiconductors
Product specification
General purpose
controlled avalanche rectifiers
BYD17 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Shipped in 8 mm embossed tape
• Smallest surface mount rectifier
outline.
DESCRIPTION
Cavity free cylindrical glass package
through Implotec
(1) technology.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
(1) Implotec is a trademark of Philips.
MARKING
TYPE NUMBER
MARKING CODE
BYD17D
17D PH
BYD17G
17G PH
BYD17J
17J PH
BYD17K
17K PH
BYD17M
17M PH
handbook, 4 columns
MAM061
ka
Fig.1 Simplified outline (SOD87) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYD17D
200
V
BYD17G
400
V
BYD17J
600
V
BYD17K
800
V
BYD17M
1000
V
VRWM
crest working reverse voltage
BYD17D
200
V
BYD17G
400
V
BYD17J
600
V
BYD17K
800
V
BYD17M
1000
V
VR
continuous reverse voltage
BYD17D
200
V
BYD17G
400
V
BYD17J
600
V
BYD17K
800
V
BYD17M
1000
V


Similar Part No. - BYD17

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17DA EIC-BYD17DA Datasheet
108Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17G EIC-BYD17G Datasheet
117Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17GA EIC-BYD17GA Datasheet
108Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17J EIC-BYD17J Datasheet
117Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
More results

Similar Description - BYD17

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17DA EIC-BYD17DA Datasheet
108Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
logo
Guangdong Kexin Industr...
KAS29 KEXIN-KAS29 Datasheet
79Kb / 4P
   General Purpose Controlled Avalanche Diodes
logo
Nexperia B.V. All right...
BAS29 NEXPERIA-BAS29 Datasheet
331Kb / 10P
   General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
NXP Semiconductors
BAS29 PHILIPS-BAS29 Datasheet
90Kb / 12P
   General purpose controlled avalanche double diodes
1999 May 21
BAS29_31_35 PHILIPS-BAS29_31_35_15 Datasheet
138Kb / 9P
   General purpose controlled avalanche (double) diodes
2003 Mar 20
BAS29 NXP-BAS29 Datasheet
138Kb / 9P
   General purpose controlled avalanche (double) diodes
2003 Mar 20
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com