Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-221 Datasheet(PDF) 23 Page - Amphenol Aerospace Operations

Part # M39029/30-221
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-221 Datasheet(HTML) 23 Page - Amphenol Aerospace Operations

Back Button M39029/30-221 Datasheet HTML 19Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 20Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 21Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 22Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 23Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 24Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 25Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 26Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 27Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
23
Polarizing Keyway
Blue Color Band
H Accessory Thread
Fully Coupled
Indicator
J Coupling
Thread
D Min. Full
Thread
C Max.
Clutch Plate
B
Dia.
E
Dia
Max.
A
Dia Max.
3 Teeth
Equally Spaced
120 Apart
˚
Shell
Size*
A
Dia.
Max.
B
Dia.
±.005
C Max.
D
Min.
E
Dia.
Max.
H
Thread
Class 2A
J
Thread
Class 2B
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
.963
.360
1.510
.290
.305
.5000-20 UNEF
.5000-28 UNEF
10S
1.088
.435
1.510
.290
.405
.6250-24 UNEF
.6250-24 UNEF
10SL 1.088
.441**
1.510
.290
.405
.6250-24 UNEF
.6250-24 UNEF
12
1.213
.550
1.780
.290
.549
.7500-20 UNEF
.7500-20 UNEF
12S
1.213
.550
1.510
.290
.549
.7500-20 UNEF
.7500-20 UNEF
14
1.358
.670
1.780
.290
.665
.8750-20 UNEF
.8750-20 UNEF
14S
1.358
.670
1.510
.290
.665
.8750-20 UNEF
.8750-20 UNEF
16
1.463
.800
1.780
2.500
.290
.790
1.0000-20 UNEF
1.0000-20 UNEF
16S
1.463
.800
1.510
.290
.790
1.0000-20 UNEF
1.0000-20 UNEF
18
1.588
.925
1.850
2.500
.290
.869
1.0625-18 UNEF
1.1250-18 UNEF
20
1.713
1.045
1.850
2.500
.290
.994
1.1875-18 UNEF
1.2500-18 UNEF
22
1.788
1.170
1.850
2.500
.290
1.119
1.3125-18 UNEF
1.3750-18 UNEF
24
1.963
1.295
1.850
2.500
.290
1.244
1.4375-18 UNEF
1.5000-18 UNEF
28
2.213
1.515
1.850
2.500
.467
1.465
1.7500-18 UNS
1.7500-18 UNS
32
2.463
1.765
1.850
2.500
.467
1.715
2.0000-18 UNS
2.0000-18 UNS
36
2.713
1.975
1.850
2.500
.467
1.930
2.2500-16 UN
2.2500-16 UN
40
2.963
2.225
1.850
2.500
.467
2.145
2.5000-16 UN
2.5000-16 UN
* Consult Amphenol Aerospace for availability of shell sizes 44 and 48.
** Tolerance on this dimension is +.000 –.006
Straight Plug with Self-locking Coupling Nut
Military (MS3459), Commercial (9816)
9816
MILITARY
MS3459
PART NUMBER BUILDER PAGE M16


Similar Part No. - M39029/30-221

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-221

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com