Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-219 Datasheet(PDF) 24 Page - Amphenol Aerospace Operations

Part # M39029/30-219
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-219 Datasheet(HTML) 24 Page - Amphenol Aerospace Operations

Back Button M39029/30-219 Datasheet HTML 20Page - Amphenol Aerospace Operations M39029/30-219 Datasheet HTML 21Page - Amphenol Aerospace Operations M39029/30-219 Datasheet HTML 22Page - Amphenol Aerospace Operations M39029/30-219 Datasheet HTML 23Page - Amphenol Aerospace Operations M39029/30-219 Datasheet HTML 24Page - Amphenol Aerospace Operations M39029/30-219 Datasheet HTML 25Page - Amphenol Aerospace Operations M39029/30-219 Datasheet HTML 26Page - Amphenol Aerospace Operations M39029/30-219 Datasheet HTML 27Page - Amphenol Aerospace Operations M39029/30-219 Datasheet HTML 28Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
24
Polarizing
Keyway
H Thread
C Max.
D Min. Perf.
Thread
7.500 Max
Blue Color Band Designates
Rear Release Contact Connector
A
Dia Max.
E Dia. Max.
B Dia.
.061
.046
3 Teeth
Equally Spaced
120 Apart
˚
Adapter
Mating Face of
Receptacle Shell
Shell
Size*
A
Dia.
Max.
B
Dia.
C Max.
D
Min.
E
Dia.
Max.
H
Thread
Class 2A
Amphenol/
Matrix Part
Number for
Adapter Ring
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
1.087
.360
2.031
.290
.305
.5000-20 UNF
2500-008-0X08
10S
1.224
.435
2.031
.290
.405
.6250-24 UNEF 2500-008-0X10
10SL
1.224
.441
2.031
.290
.405
.6250-24 UNEF 2500-008-0X10
12
1.355
.550
2.125
.290
.549
.7500-20 UNEF 2500-008-0X12
12S
1.355
.550
2.031
.290
.549
.7500-20 UNEF 2500-008-0X13
14
1.482
.670
2.125
.290
.665
.8750-20 UNEF 2500-008-0X14
14S
1.482
.670
2.031
.290
.665
.8750-20 UNEF 2500-008-0X15
16
1.609
.800
2.125
2.500
.290
.790
1.0000-20 UNEF 2500-008-0X16
16S
1.609
.800
2.031
.290
.790
1.0000-20 UNEF 2500-008-0X17
18
1.817
.925
2.125
2.500
.290
.869
1.0625-18 UNEF 2500-008-0X18
20
1.942 1.045
2.125
2.500
.290
.994
1.1875-18 UNEF 2500-008-0X20
22
2.075 1.170
2.125
2.500
.290
1.119 1.3125-18 UNEF 2500-008-0X22
24
2.203 1.295
2.125
2.500
.290
1.244 1.4375-18 UNEF 2500-008-0X24
28
2.516 1.515
2.125
2.500
.467
1.465
1.7500-18 UNS
2500-008-0X28
32
2.735 1.765
2.125
2.500
.467
1.715
2.0000-18 UNS
2500-008-0X32
36
3.015 1.975
2.125
2.500
.467
1.930
2.2500-16 UN
2500-008-0X36
40
3.306 2.225
2.125
2.500
.467
2.145
2.5000-16 UN
2500-008-0X40
* Consult Amphenol Aerospace for availability of shell sizes 44 and 48.
Receptacle Adapter Ring
Required to mate the quick disconnect
plug with receptacle. Not furnished with the
quick disconnect plug and must be ordered
separately.
Note: Use Locktite Material on the threads
for a permanent installation to the
shell. How to Order Adapter Ring
Part Number
2500-008-0 X XX
Finish
0 - Electroless Nickel
1 - Black Anodize
2 - Cadmium/Olive Drab
3 - Stainless Steel, Passivated
9818 CONNECTOR
9817 CONNECTOR WITH LANYARD
Quick Disconnect Plug, with/without Lanyard
Commercial (9817)
Shell Size (varies from
connector shell size
designation, see last
column of table at left)
9818
9817
PART NUMBER BUILDER PAGE M16


Similar Part No. - M39029/30-219

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-219

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com