Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NB4N840M_07 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NB4N840M_07
Description  3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 6 page
background image
NB4N840M
http://onsemi.com
6
Figure 3. Output Voltage Amplitude (VOUTPP)
vs. Input Clock Frequency (fIN) at Ambient
Temperature (Typ)
0
50
100
150
200
250
300
350
400
450
0.05 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
INPUT CLOCK FREQUENCY (GHz)
Figure 4. Within−Device Skew vs. Temperature
at VCC = 3.3 V
0
2
4
6
8
10
12
14
16
18
20
−40
25
85
TEMPERATURE (
°C)
Channel B
Channel A
Figure 5. CML Differential Voltage vs.
Temperature
0
100
200
300
400
500
600
700
800
900
−40
25
85
TEMPERATURE (
°C)
Figure 6. Supply Current vs. Temperature
(All 4 Outputs Enabled)
110
120
130
140
150
160
170
−40
25
85
TEMPERATURE (
°C)
Figure 7. Typical Output Waveform at 2.488 Gb/s
with PRBS 223−1 (Input Signal DDJ = 12 ps)
Figure 8. Typical Output Waveform at 3.2 Gb/s
with K28.5 (Input Signal DDJ = 14 ps)
TIME (80.4 ps/div)
TIME (62.5 ps/div)
DDJ = 4 ps
DDJ = 3 ps




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
MC100EP16VT3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination 1 2 3 4 5 MoreON Semiconductor
NB6L72M2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs 1 2 3 4 5 MoreON Semiconductor
NB6L722.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs 1 2 3 4 5 MoreON Semiconductor
MC10EP16T_063.3V / 5V ECL Differential Receiver/Driver with Internal Termination 1 2 3 4 5 MoreON Semiconductor
MC10EP29_063.3V / 5V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset 1 2 3 4 5 MoreON Semiconductor
MC100LVEL29_063.3V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset 1 2 3 4 5 MoreON Semiconductor
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
NB4N527S3.3V 2.5Gb/s Dual AnyLevel™ to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl