Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-218 Datasheet(PDF) 4 Page - Amphenol Aerospace Operations

Part # M39029/30-218
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-218 Datasheet(HTML) 4 Page - Amphenol Aerospace Operations

  M39029/30-218 Datasheet HTML 1Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 2Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 3Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 4Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 5Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 6Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 7Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 8Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
4
MS3450
WALL MOUNTING
RECEPTACLE
MS3451
CABLE CONNECTING
RECEPTACLE
MS3452
BOX MOUNTING
RECEPTACLE
MS3454
JAM NUT RECEPTACLE
MS3456
PLUG WITH
THREADEDCOUPLING
MS3459
PLUG WITH
SELF-LOCKING
COUPLING NUT
AMPHENOL BROADENS THEIR MS/STANDARD
FAMILY OF CONNECTORS WITH THE MIL-DTL-5015
CRIMP REAR RELEASE SERIES
This series provides an improved alternative to the older
MIL-C-5015 solder type. It bridges the gap between an old
connector standard and the environmental and high perfor-
mance needs of current technologies.
DESIGN CHARACTERISTICS
• Medium to heavy weight enviornmental cylindrical
• MS345( ) series intermateable with existing MIL-DTL-5015
solder or crimp versions on existing equipment
• Captive coupling nut mechanism, utilizes retaining rings
in combination with “L” washers to prevent inadvertent
disassembly
• Multiple interlock systems ensure permanent
insert retention
• Positive control of dielectric separation with guaranteed
ease of contact insertion
• Positive contact retention provided by a closely toleranced
damage-proof metal retention clip
• Completely sealed against environmental extremes with -
• Individual contact seals (conical risers on pin interface)
• Interfacial seals between contacts
• Peripheral gasket shell-to-shell seals
• Redundant rear wire seals and insert-to-shell seals
CUSTOMER OPTIONS
• Seven mounting styles, in shell sizes 8 to 40
• Threaded coupling or self-locking plug (MS3459) with an internal
ratcheting mechanism to prevent unmating due to vibration and
shock, eliminating the need for safety wiring
• Proprietary quick disconnect plug, with or without
lanyard available
• Classes include aluminum or stainless steel shells,
or firewall capability
• Mil-Spec and custom proprietary versions available
• Some styles are supplied to McDonnell Douglas
Specification BAN 7025, DC60 Series
• Accommodation of contact sizes 0 to 16
• Over 100 insert arrangement patterns available,
accommodating from a minimum of 1 to a maximum
of 85 circuits
• Alternate positioning available
• High power RADSOK socket contacts available
NOTE: MIL-C-5015 is superseded to MIL-DTL-5015 for all
Amphenol/Matrix rear release crimp type contacts.
MIL-DTL-5015 with Crimp Rear Release Contacts
COMMERCIAL QUICK
DISCONNECT PLUG
WITH/WITHOUT
LANYARD


Similar Part No. - M39029/30-218

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-218

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com