Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-218 Datasheet(PDF) 15 Page - Amphenol Aerospace Operations

Part # M39029/30-218
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-218 Datasheet(HTML) 15 Page - Amphenol Aerospace Operations

Back Button M39029/30-218 Datasheet HTML 11Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 12Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 13Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 14Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 15Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 16Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 17Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 18Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 19Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
15
Class Descriptions, Performance Specifications
CLASS DESCRIPTIONS
MILITARY MIL-DTL-5015
Class L*
Aluminum shell, electroless nickel finish,
fluid resistant insert
Class W
Aluminum shell, cadmium olive drab finish,
fluid resistant insert
Class LS
Stainless steel shell, passivated, fluid
resistant insert
Class KT**
Firewall, steel shell, cadmium olive drab finish, non-
flammable hard dielectric and fluid resistant insert
Class KS
Firewall, stainless steel shell, passivated, non-
flammable hard dielectric and fluid resistant insert
* Class L inactivates older Class U (aluminum, electroless nickel)
** Class KT (ferrous alloy, cadmium/olive drab) inactivates older Class K
(ferrous alloy, electroless nickel)
AMPHENOL/MATRIX
Class A
Aluminum shell, black anodize finish,
fluid resistant insert
Class F
Aluminum shell, electroless nickel finish,
fluid resistant insert
Class W
Aluminum shell, cadmium/olive drab finish,
fluid resistant insert
Class FS
Stainless steel shell, passivated, fluid resistant insert
Class KT
Firewall, steel shell, cadmium olive drab finish, non-
flammable hard dielectric and fluid resistant insert
Class KS
Firewall, stainless steel shell, passivated,
non-flammable hard dielectric and fluid resistant insert
Class DT
Aluminum shell, Durmalon (Nickle PTFE)
Class DZ
Aluminum shell, Black Zinc Nickel*
* Not available in size 36 or 40
VOLTAGE RATING
Altitude
Inst.
A
D
E
B
C
Sea Level
1000
2000
2800
3500
4500
7000
50,000 ft.
400
600
675
750
825
975
70,000 ft.
260
360
400
440
480
560
110,000 ft.
200
200
200
200
200
200
PERFORMANCE SPECIFICATIONS
SHOCK
Wired, mated connectors are subjected to one shock in each of three mutually
perpendicular axes with pulse of an approximate half sine wave of 50g magnitude for a
duration of 11 milliseconds. All contacts wired in series circuit with 100 ±10
Milliamperes of current flow.
OPERATING TEMPERATURE RANGE
Classes L, LS and KS have temperature range of
–55°C (–75°F) to 200°C (392°F)
Classes W and KT have temperature range of
–55°C (–75°F) to 175°C (347°F)
ENVIRONMENTAL SEAL
Wired, mated connectors with the specified accessory attached will meet the
altitude immersion test specified in MIL-DTL-5015.
DURABILITY
Minimum of 100 mating cycles.


Similar Part No. - M39029/30-218

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-218

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com