Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-218 Datasheet(PDF) 13 Page - Amphenol Aerospace Operations

Part # M39029/30-218
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-218 Datasheet(HTML) 13 Page - Amphenol Aerospace Operations

Back Button M39029/30-218 Datasheet HTML 9Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 10Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 11Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 12Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 13Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 14Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 15Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 16Page - Amphenol Aerospace Operations M39029/30-218 Datasheet HTML 17Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
13
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
ab
c
d
e
f
g
h
j
k
m
n
p
r
t
s
u
v
x
y
z
w
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
fg
h
j
k
m
n
p
r
t
u
v
w
s
x
y
z
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
AB
CD
EF
G
HJ
KL
MN
OP
QR
ST
U
V
WX
YZ
ab
c
de
fg
hj
k
mn
p
r
t
u
v
w
s
x
yz
q
100˚
AB
CD
E
FG
HJ
KL
MN
OP
QR
ST
U
VW
XY
Za
b
c
d
e
f
g
hj
k
m
n
pr
tu
v
w
s
x
yz
q
100° Rotation
of 36-10
Insert Arrangement
32-73
36-3
36-5
36-6
Service Rating
A
D
A
A
Number of Contacts
46
3
3
4
2
4
Contact Size
16
0
12
0
0
4
Insert Arrangement
36-7
36-8
36-9
36-10
Service Rating
A
A
A
A
Number of Contacts
7
40
1
46
1
2
14
14
48
Contact Size
12
16
12
16
4
8
12
16
16
Insert Arrangement
36-11
36-12
36-15
36-16
Service Rating
A
A
M = D, Bal. = A
A
Number of Contacts
48
48
35
7
40
Contact Size
16
16
16
12
16
Front Face of Pin Insert or Rear Face of Socket Insert Illustrated
Insert Arrangements
CONTACT LEGEND
16
12
8
4
0
A
B
C
D
E
F
A
B
C
D
A
B
C
D
E
F
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
110˚
AB
CD
EF
G
HJ
KL
MN
OP
QR
ST
U
VW
XY
Za
b
c
de
fg
hj
k
mn
pr
tu
vw
s
x
yz
q
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
100˚
A
B
CD
E
FG
H
I
J
K
L
M
N
O
P
RS
T
U
V
W
X
Y
Z
ab
c
d
e
f
g
h
j
k
m
np
r
t
uv
w
s
x
y
z
110° Rotation of
36-10
100° Rotation
of 36-7


Similar Part No. - M39029/30-218

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-218

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com