Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-217 Datasheet(PDF) 11 Page - Amphenol Aerospace Operations

Part # M39029/30-217
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-217 Datasheet(HTML) 11 Page - Amphenol Aerospace Operations

Back Button M39029/30-217 Datasheet HTML 7Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 8Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 9Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 10Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 11Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 12Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 13Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 14Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 15Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
11
*Consult Amphenol Aerospace for availability.
** Inactive for new design
Front Face of Pin Insert or Rear Face of Socket Insert Illustrated
A
B
C
D
E
F
G
AB
C
DE
F
G
H
JK
L
M
N
P
S
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
I
O
Insert Arrangement
24-2
24-5**
24-7
24-10
24-11
24-12
Service Rating
D
A
A
A
A
A
Number of Contacts
7
16
2
14
7
3
6
2
3
Contact Size
12
16
12
16
8
8
12
4
12
Insert Arrangement
24-15
24-20
24-22
24-24
24-28
28-1
Service Rating
A
D
D
A
Inst.
A, J, E = D;
Bal. = A
Number of Contacts
16
1
9
4
16
24
2
7
Contact Size
16
8
16
8
16
16
12
6
A
B
C
D
E
F
G
H
J
KL
100° Rotation
of 24-5
A
B
C
DE
F
G
H
J
K
L
M
N
P
S
R
100˚
Insert Arrangements
CONTACT LEGEND
16
12
8
4
0
A
B
C
D
E
F
G
AB
C
DE
F
G
H
I
A
B
C
D
E
A
B
C
D
AB
CD
EF
GH
J
KL
M
NP
Q
RS
T
U
V
WX
YZ
A
B
C
DE
F
G
H
J
K
L
M
N
P
S
R
250˚
250° Rotation
of 24-5
A
B
C
D
E
F
G
H
J
A
B
C
D
E
F
G
H
J
K
L
M
N
P
AB
CD
P
S
EF
G
Insert Arrangement
28-2
28-4*
28-9
28-10
28-11
Service Rating
D
G, P, S = E; Bal. = D
D
G = D, Bal. = A
A
Number of Contacts
2
12
2
7
6
6
2
2
3
4
18
Contact Size
12
16
12
16
12
16
4
8
12
12
16
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
J
K
L
M
I
N
P
R
S
T
U
V
W
X
A
B
C
D
E
F
G
H
J
K
L
M
P
R
N
S
T
U
V
W
X
Y
Z
a
b
d
100˚
A
B
C
D
E
F
G
H
J
K
L
M
P
R
N
S
T
U
V
W
X
Y
Z
a
b
d
AB
C D
E
F G
H
J
K
L
M
PR
S
T
N
W
X
Y
Z
U
V
a
b
c
d
e
f
g
h
j
k
m
l
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
100° Rotation
of 28-12
Insert Arrangement
28-12
28-13
28-15
28-17
28-19*
Service Rating
A
A
A
R = B; M, N, P = D;
Bal. = A
H, M = B; A, B = D;
Bal. = A
Number of Contacts
26
26
35
15
4
6
Contact Size
16
16
16
16
12
16
AB
C
E
G
H
J
K
L
M


Similar Part No. - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com