Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-217 Datasheet(PDF) 21 Page - Amphenol Aerospace Operations

Part # M39029/30-217
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-217 Datasheet(HTML) 21 Page - Amphenol Aerospace Operations

Back Button M39029/30-217 Datasheet HTML 17Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 18Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 19Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 20Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 21Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 22Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 23Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 24Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 25Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
21
PANEL CUTOUT
Blue Color
Band
J Coupling
Thread
Pin Protrusion
A Typ.
.045
.035
.180
.165
.128 Max.
Panel Thickness
G
Min. Full Thread
3 Teeth
Equally Spaced
120 Apart
H Accessory
Thread
.100
.095
.196
.186
M
Dia.
C
Dia.
B
Typ.
E
Dia
Max.
Polarizing
Key
L
D Max
F
O-Ring
˚
Shell
Size*
A
±.010
B
±.005
C
Dia.
±.005
D Max.
E
Dia.
Max.
F
±.005
G
Min.
H
Thread
Class 2A
J
Thread
Class 2A
Panel Cutout
Dimensions
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
L
±.005
M Dia.
+.015
–.000
8S
.687
1.187
1.272
2.031
.305
.720
.290
.5000-20 UNEF
.5000-28 UNEF
.323
.505
10S
.812
1.312
1.397
2.031
.405
.720
.290
.6250-24 UNEF
.6250-24 UNEF
.385
.630
10SL
.812
1.312
1.397
2.031
.405
.720
.290
.6250-24 UNEF
.6250-24 UNEF
.385
.630
12
.937
1.437
1.522
2.125
.549
.970
.290
.7500-20 UNEF
.7500-20 UNEF
.448
.755
12S
.937
1.437
1.522
2.031
.549
.720
.290
.7500-20 UNEF
.7500-20 UNEF
.448
.755
14
1.125
1.562
1.647
2.125
.665
.970
.290
.8750-20 UNEF
.8750-20 UNEF
.510
.880
14S
1.125
1.562
1.647
2.031
.665
.720
.290
.8750-20 UNEF
.8750-20 UNEF
.510
.880
16
1.250
1.687
1.772
2.125
2.500
.790
.970
.290
1.0000-20 UNEF
1.0000-20 UNEF
.573
1.005
16S
1.250
1.687
1.772
2.031
.790
.720
.290
1.0000-20 UNEF
1.0000-20 UNEF
.573
1.005
18
1.375
1.812
1.897
2.125
2.500
.869
.970
.290
1.0625-18 UNEF
1.1250-18 UNEF
.635
1.130
20
1.500
1.937
2.022
2.125
2.500
.994
.970
.290
1.1875-18 UNEF
1.2500-18 UNEF
.698
1.255
22
1.625
2.156
2.241
2.125
2.500
1.119
.970
.290
1.3125-18 UNEF
1.3750-18 UNEF
.760
1.380
24
1.750
2.281
2.366
2.125
2.500
1.244
.970
.290
1.4375-18 UNEF
1.5000-18 UNEF
.823
1.505
28
2.000
2.531
2.616
2.125
2.500
1.465
.970
.467
1.7500-18 UNS
1.7500-18 UNS
.948
1.755
32
2.375
2.781
2.866
2.125
2.500
1.715
.970
.467
2.0000-18 UNS
2.0000-18 UNS
1.073
2.005
36
2.625
3.031
3.116
2.125
2.500
1.930
.970
.467
2.2500-16 UN
2.2500-16 UN
1.198
2.255
40
2.875
3.281
3.366
2.125
2.500
2.145
.970
.467
2.5000-16 UN
2.5000-16 UN
1.323
2.505
* Consult Amphenol Aerospace for availability of shell sizes 44 and 48.
Jam Nut Receptacle
Military (MS3454), Commercial (9444)
9444
MILITARY
MS3454
PART NUMBER BUILDER PAGE M16


Similar Part No. - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com