Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-217 Datasheet(PDF) 18 Page - Amphenol Aerospace Operations

Part # M39029/30-217
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-217 Datasheet(HTML) 18 Page - Amphenol Aerospace Operations

Back Button M39029/30-217 Datasheet HTML 14Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 15Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 16Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 17Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 18Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 19Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 20Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 21Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 22Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
18
H Accessory Thread
3 Teeth Equally
Placed 120 Apart
Blue Color Band
E Dia.
Max
G Min. Full
Thread
J Coupling
Thread
D Max.
F
K
Polarizing
Key
A Typ.
B Typ.
B Typ.
PANEL CUTOUT
C Dia.
4 Holes
C Dia.
L Dia.
˚
Shell
Size*
A
±.031
B
C Dia.
+.010
–.005
D Max.
E
Dia.
Max.
F
G
Min.
H
Thread
Class 2A
J
Thread
Class 2A
K
L
Dia.
±.010
Class
A, F, R,
W
Class
K
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
.875
.594
.120
.150
2.031
.305
.593/.562
.290
.5000-20 UNEF
.5000-28 UNEF .083
.562
10S
1.000
.719
.120
.150
2.031
.405
.593/.562
.290
.6250-24 UNEF
.6250-24 UNEF .083
.688
10SL 1.000
.719
.120
.150
2.031
.405
.593/.562
.290
.6250-24 UNEF
.6250-24 UNEF .083
.688
12
1.094
.812
.120
.150
2.125
.549
.781/.750
.290
.7500-20 UNEF
.7500-20 UNEF .083
.812
12S
1.094
.812
.120
.150
2.031
.549
.593/.562
.290
.7500-20 UNEF
.7500-20 UNEF .083
.812
14
1.188
.906
.120
.150
2.125
.665
.781/.750
.290
.8750-20 UNEF
.8750-20 UNEF .083
.938
14S
1.188
.906
.120
.150
2.031
.665
.593/.562
.290
.8750-20 UNEF
.8750-20 UNEF .083
.938
16
1.281
.969
.120
.150
2.125
2.500
.790
.781/.750
.290
1.0000-20 UNEF 1.0000-20 UNEF .083
1.062
16S
1.281
.969
.120
.150
2.031
.790
.593/.562
.290
1.0000-20 UNEF 1.0000-20 UNEF .083
1.062
18
1.375
1.062
.120
.177
2.125
2.500
.869
.781/.750
.290
1.0625-18 UNEF 1.1250-18 UNEF .125
1.188
20
1.500
1.156
.120
.177
2.125
2.500
.994
.781/.750
.290
1.1875-18 UNEF 1.2500-18 UNEF .125
1.312
22
1.625
1.250
.120
.177
2.125
2.500
1.119
.781/.750
.290
1.3125-18 UNEF 1.3750-18 UNEF .125
1.438
24
1.750
1.375
.147
.177
2.125
2.500
1.244
.843/.812
.290
1.4375-18 UNEF 1.5000-18 UNEF .125
1.562
28
2.000
1.562
.147
.177
2.125
2.500
1.465
.843/.812
.467
1.7500-18 UNS
1.7500-18 UNS
.125
1.812
32
2.250
1.750
.173
.209
2.125
2.500
1.715
.906/.875
.467
2.0000-18 UNS
2.0000-18 UNS
.125
2.062
36
2.500
1.938
.173
.209
2.125
2.500
1.930
.906/.875
.467
2.2500-16 UN
2.2500-16 UN
.125
2.312
40
2.750
2.188
.173
.209
2.125
2.500
2.145
.906/.875
.467
2.5000-16 UN
2.5000-16 UN
.125
2.562
* Consult Amphenol Aerospace for availability of shell sizes 44 and 48.
Wall Mounting Receptacle
Military (MS3450), Commercial (9440)
9440
MILITARY
MS3450
PART NUMBER BUILDER PAGE M16


Similar Part No. - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com