Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-217 Datasheet(PDF) 17 Page - Amphenol Aerospace Operations

Part # M39029/30-217
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-217 Datasheet(HTML) 17 Page - Amphenol Aerospace Operations

Back Button M39029/30-217 Datasheet HTML 13Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 14Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 15Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 16Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 17Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 18Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 19Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 20Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 21Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
17
NEW
NEW
How to Order
1.
2.
3.
4.
5.
6.
7.
MIL-DTL-5015 with rear
release crimp contacts
Connector
Type
Shell
Style
Service
class
Shell Size–
Insert Arrangement
Contact
Types
Alternate
Positions
Modification
Number
MILITARY
MS
3456
L
16S–8
P
W
NA
COMMERCIAL
944
6
F
16S–8
P
W
(XXX)
2. SHELL STYLE - THREADED COUPLING
3450 Wall mounting receptacle
3451 Cable connecting receptacle
3452 Box mounting receptacle
3454 Jam nut receptacle
3456 Straight plug
3459 Straight plug with self-locking coupling nut
1. MILITARY CONNECTORY TYPE
MS
Designates Military Standard
3. SERVICE CLASS
L
Aluminum shell, electroless nickel finish,
fluid resistant insert
W Aluminum shell, cadmium olive drab finish,
fluid resistant insert
LS Stainless steel shell, passivated, fluid resistant insert
FIREWALL STYLES ONLY AVAILABLE FOR
3450,3456,3459 PER MIL SPEC:
KT Firewall, steel shell, cadmium/olive drab finish, non-
flammable hard dielectric and fluid resistant insert
KS Firewall, stainless steel shell, passivated, non-flam-
mable hard dielectric and fluid resistant insert
4. SHELL SIZE & INSERT ARRANGEMENT
SEE PAGES 3-13
First number represents Shell Size,
second number is the Insert Arrangement.
5. CONTACT TYPE
P Pin
S Socket
A Less pins
B Less sockets
Note: Class L inactivates older Class U.
Class K is inactive and has been replaced by Class KT
for all applications.
6. ALTERNATE POSITIONS
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell
from normal position. No letter required for normal
(no rotation) position. See page 16 for description of
alternate positions.
2. SHELL STYLE - THREADED COUPLING
0
Wall mounting receptacle
1
Cable connecting receptacle
2
Box mounting receptacle
4
Jam nut receptacle
6
Straight plug
2. SELF LOCKING/QUICK DISCONNECT (981)
6
Straight plug with self-locking coupling nut
7
Quick disconnect plug with lanyard
8
Quick disconnect plug without lanyard
1. COMMERCIAL CONNECTOR TYPE
944 Designates Amphenol/Matrix Commercial Series
981 Designates self locking/Quick disconnect (+)(-) lanyard
3. SERVICE CLASS
A
Aluminum shell, black anodize finish,
fluid resistant insert (not MIL-Spec)
F
Aluminum shell, electroless nickel finish,
fluid resistant insert
FS
Stainless steel shell, passivated,
fluid resistant insert
RS Fluid resistant insert
KT
Firewall, steel shell, cadmium/olive drab finish,
non-flammable hard dielectric and fluid resistant insert
KS
Firewall, stainless steel shell, passivated,
non-flammable hard dielectric and fluid resistant insert
DT Aluminum shell, Durmalon (Nickle PTFE)
DZ Aluminum shell, Black Zinc Nickel*
* Not available in size 36 or 40
5. CONTACT TYPE
P Pin
S Socket
6. ALTERNATE POSITIONS
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell
from normal position. No letter required for normal
(no rotation) position. See page 16 for description of
alternate positions.
Consult Amphenol Aerospace for information.
For strain reliefs use the following modification codes:
(189)
E-nut M85049/31 configuration
(190)
Straight strain relief M85049/52 configuration
(191)
90° strain relief M85049/51 configuration
(988)
RADSOK sockets (sizes 0-8 guage only)
7. MODIFICATION NUMBER
4. SHELL SIZE & INSERT ARRANGEMENT
SEE PAGES 3-13
First number represents Shell Size,
second number is the Insert Arrangement.
NEW


Similar Part No. - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com