Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-217 Datasheet(PDF) 14 Page - Amphenol Aerospace Operations

Part # M39029/30-217
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-217 Datasheet(HTML) 14 Page - Amphenol Aerospace Operations

Back Button M39029/30-217 Datasheet HTML 10Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 11Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 12Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 13Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 14Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 15Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 16Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 17Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 18Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
14
110˚
AB
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
VW
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
np
r
t
u
v
w
s
x
y
z
100˚
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
A BC D
E
F
HJ
K
LM
NP
RS
TU
VW
XY
Z
ab
c
d
fg
hi
jk
mn
pr
t
u
v
w
s
x
y
z
q
AA AB
AC
AD
AE
AF
AH
AB
C
DE
FG
HI
JK
L
MN
OP
RS
TU
VW
X
YZ
ab
c
de
* Consult Amphenol Aerospace for availability.
100° Rotation
of 36-9
260° Rotation
of 36-9
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
260˚
Front Face of Pin Insert or Rear Face of Socket Insert Illustrated
Insert Arrangement
36-18
36-21
36-52
36-17
Service Rating
A
A
A
A
Number of Contacts
1
2
14
14
1
2
14
14
52
7
40
Contact Size
4
8
12
16
4
8
12
16
16
12
16
Insert Arrangement
40-1
40-5*
40-9
40-56
Service Rating
D
A
A
A
Number of Contacts
6
24
3
2
4
6
1
22
24
85
Contact Size
12
16
0
4
8
2
6
12
16
16
Insert Arrangements
CONTACT LEGEND
16
12
8
4
0
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
AB
C
DE
F
G
H
IJ
K
L
MN
O
PQ
R
ST
U
V
W
X
YZ
a
b
c
d
e
f
g
h
i
j
k
l
m
n
p
r
tu
s
o
q
AB
CD
EF
HJ
KL
M
NP
RS
TU
VW
XY
Za
b
c
df
g
hi
jk
mn
pr
t
uv
w
s
xy
z
q
AA
AB
AC
AD
AE
AF
AH
AJ
AK
AL
AM
AN
AP
AR AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BV
BC
BD
BE
BF
BH
BJ
BK
BL
BM
BN
BS
BT
BU
BP
BR
110° Rotation of
36-7


Similar Part No. - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-616 GLENAIR-M39029-106-616 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com