Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 2 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 2 Page - Amphenol Aerospace Operations

  466511 Datasheet HTML 1Page - Amphenol Aerospace Operations 466511 Datasheet HTML 2Page - Amphenol Aerospace Operations 466511 Datasheet HTML 3Page - Amphenol Aerospace Operations 466511 Datasheet HTML 4Page - Amphenol Aerospace Operations 466511 Datasheet HTML 5Page - Amphenol Aerospace Operations 466511 Datasheet HTML 6Page - Amphenol Aerospace Operations 466511 Datasheet HTML 7Page - Amphenol Aerospace Operations 466511 Datasheet HTML 8Page - Amphenol Aerospace Operations 466511 Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
62
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Aquacon
Accessories
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Amphenol
Aerospace
Connector Type
Series I
II
Shell Style
Service Class
Shell Size-
Insert Arrangement
Contact
Type
Alternate
Position
Strain Relief/Finish
Variation Suffix
LJT
JT
00
RT
9-35
P
B
SR
(014)
Series I Series II
Designates
JT
Standard Junior Tri-Lock
LJT
Long Junior Tri-Lock
LJTS
JTS
High temperature connector
LJTN
JTN
Chemical and fuel resistant
JTL
Miniature mounting dimensions
JTLN
Miniature mounting dimensions–Chemical resistant
JTLS
Miniature mounting dimensions– High temperature
LJTPQ
JTPQ
Back panel mounted wall mounting receptacle
LJTP
JTP
Back panel mounted box mounting receptacle
LJTPN
JTPN
Back panel mounted–Chemical resistant
LJTPS
JTPS
Back panel mounted–High temperature
JTG
Plug with grounding fingers*
JTNG
Plug with grounding fingers* –Chemical resistant
Easy Steps to build a commercial part number... Series I and II
1.
2.
3.
4.
5.
6.
7.
Step 1. Select a Connector Type
Connector
Type
Shell Style
Service Class
Shell Size-
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
JT
1.
2.
3.
4.
5.
6.
7.
Commercial
JT
JTS
JTN
LJT
LJTS
LJTN
JTL
JTLN
JTLS
JTPQ
JTP
JTPN
JTPS
LJTPQ
LJTP
LJTPN
LJTPS
JTG
JTNG
Designates
00
00
Wall mount receptacle (Hermetic option)
01
Line mount receptacle
(Non-hermetic)
02
02
Box mount receptacle
(Hermetic Option except for LJT)
06
06
Straight plug (Non-hermetic)
07
07
Jam nut receptacle (Hermetic Option)
08
08
90 degree plug (Non-hermetic)
I
Solder mount receptacle (hermetic)
Step 2. Select a Shell Style
ConnectorType
Shell Style Service Class
Shell Size-
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
00
1.
2.
3.
4.
5.
6.
7.
Wall
Mounting
Receptacle
Line
Receptacle
Jam
Nut
Receptacle
Straight
Plug
Solder
Mounting
Receptacle
Lanyard
Release
Plug
Wall
Mounting
Receptacle
Box
Mounting
Receptacle
Straight
Plug
Jam Nut
Receptacle
90° Plug
Solder
Mounting
Receptacle
Series I LJT
Series II JT
MIL-DTL-38999/ 27599, Series II JT
MIL-DTL-38999/ 27599, Series I LJT
*Grounding fingers standard on all LJT plugs
How to Order (Commercial)
(See pages
94-96 for
ordering)


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com